Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA35-CBD4L050C0 Datasheet(PDF) 4 Page - Schurter Inc.

Part # TA35-CBD4L050C0
Description  IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA35-CBD4L050C0 Datasheet(HTML) 4 Page - Schurter Inc.

  TA35-CBD4L050C0 Datasheet HTML 1Page - Schurter Inc. TA35-CBD4L050C0 Datasheet HTML 2Page - Schurter Inc. TA35-CBD4L050C0 Datasheet HTML 3Page - Schurter Inc. TA35-CBD4L050C0 Datasheet HTML 4Page - Schurter Inc. TA35-CBD4L050C0 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image

Power entry modules without line filter
635
www.schurter.com/pg05
Connectors
Technical data (continued)
Circuit breaker
Tripping characteristics
I
n < 3 A
Tripping characteristics
I
n
> 3 ... 15 A
Effect of ambient temperature
The unit is calibrated for an ambient temperature of +23 °C. To
determine the rated current for lower or higher ambient temperature,
use a correction factor from the table below.
* Ambient
Correction factor
temperature [°C]
–25
0.79
–20
0.81
0
0.90
+23
1.00
+40
1.03
+50
1.04
+60
1.06
* Temperature must be measured at the rear of the breaker
next to the terminals after equipment operating tempera-
ture has been reached.
Example:
Rated current at +23 °C
10 A
Ambient temperature
+60 °C
Correction factor
1.06
Chosen rated current at +60 °C
ambient temperature:
10 A x 1.06 = 10.6 A
Type
Order code TA35
6135
C B D W F 1 2 0 C 0
. 0 2 1 0
see table 1
Order code (Order example)
Please note that Schurter will establish an
internal part number for logistics use in
addition to the order code. The format of
this internal part number is, for example:
6135.xxxx.xxxx
Wiring
1 wired
0 unwired
Terminals
1 Quick connect 6.3 x 0.8 mm
0 Protection class 1
Mounting
2 Snap-in s = 1.5 mm
3 Snap-in s = 2.0 mm
4 Snap-in s = 2.5 mm
5 Snap-in s = 3.0 mm
The above tripping characteristics apply to symmetrical overloads on the two poles.
At asymmetric overloads on two pole types the tripping current will be increased by factor
1.05 (TC-2).
Type p
TA35
Rated current
<3A (TC-1, TC-2)
Ambient temp.
+23 °C
Multiple of rated current
[ x In ]
1,05
10
8
5
4
3
2
1,35
10'000
60
2`000
1`000
500
200
100
50
20
10
[ sec ]
[ min ]
10
5
1
30
20
5
2
1
0,5
0,3
0,2
0,1
1,05
10
8
5
4
3
2
1,35
10'000
60
2`000
1`000
500
200
100
50
20
10
[ sec
[ min ]
10
5
1
30
20
5
2
1
0,5
0,3
0,2
0,1
]
> 3–15A (TC-1, TC-2)
Type
TA35
Rated current
Ambient temp. +23 °C
Multiple of rated current
[ x In ]
Packaging unit
40Pcs


Similar Part No. - TA35-CBD4L050C0

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35-CBD4FJ10 SCHURTER-TA35-CBD4FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-CBD4HJ10 SCHURTER-TA35-CBD4HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-CBD4KJ10 SCHURTER-TA35-CBD4KJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
More results

Similar Description - TA35-CBD4L050C0

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6135 SCHURTER-6135_18 Datasheet
745Kb / 6P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
6135 SCHURTER-6135_V02 Datasheet
512Kb / 8P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
08.12.2021
6135 SCHURTER-6135_V01 Datasheet
512Kb / 8P
   IEC Appliance Inlet C14 with Circuit Breaker TA35 2-pole
DG11 SCHURTER-DG11_V01 Datasheet
847Kb / 8P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
08.12.2021
DG11 SCHURTER-DG11 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
DG12 SCHURTER-DG12 Datasheet
999Kb / 12P
   IEC Appliance Inlet C14 with Filter, Circuit Breaker TA35 (recessed)
04.01.2022
6136_1809 SCHURTER-6136_1809 Datasheet
531Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136_18 Datasheet
712Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136 Datasheet
536Kb / 5P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136 SCHURTER-6136_V01 Datasheet
401Kb / 6P
   IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com