Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

231683 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 231683
Description  Clip, 5 x 20 mm, Version 3
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

231683 Datasheet(HTML) 1 Page - Schurter Inc.

  231683 Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image

Fuseholder Blocks & Clips
23683
www.schurter.com/pg02b
Fuses
Clip, 5 x 20 mm, Version 3
250 VAC
Description
-Throughholemounting
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
Fuse-Link
5x20mm
Mounting
PCB
Terminal
SolderTHT
RatedVoltage
250VAC
RatedCurrent
6.3A
DegreeofProtection
IP00
Material:Terminals
seevariants
UnitWeight(Socket/Cap)
0.37g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
none
SolderingMethods
Wave
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-20,
TestTb,method1A
Abmessungen
5.8mm
 
1.2
4
Fusible
ø 5
5
0.4
1.3
5
+0.1
0
Drilling diagram
Variants
Clip
Terminal
Material: Terminals Order Number
l
Straight
Tin-Plated Bronze
7181.5001
Packaging Unit
Bulk(100pcs.)
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 231683

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231683 SCHURTER-231683 Datasheet
206Kb / 2P
   Clip, 5 x 20 mm, Version 3
231683 SCHURTER-231683_V01 Datasheet
206Kb / 2P
   Clip, 5 x 20 mm, Version 3
More results

Similar Description - 231683

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231683 SCHURTER-231683_V01 Datasheet
206Kb / 2P
   Clip, 5 x 20 mm, Version 3
CQM SCHURTER-CQM Datasheet
319Kb / 1P
   Clip, 5 x 20 mm, Version 1
231828 SCHURTER-231828 Datasheet
196Kb / 1P
   Clip, 5 x 20 mm, Version 2
CQM SCHURTER-CQM_18 Datasheet
212Kb / 2P
   Clip, 5 x 20 mm, Version 1
07510052 SCHURTER-07510052 Datasheet
290Kb / 2P
   Clip, 5 x 20 mm, UR, Cover
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
   Clip, 5 x 20 / 6.3 x 32 mm, UR
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
   Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
   5 mm x 20 mm fuse holders
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
   5 X 20 mm FERRULE FUSES
logo
Eaton All Rights Reserv...
HHT EATON-HHT Datasheet
473Kb / 1P
   5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com