Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28C513JI-90 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X28C513JI-90
Description  5 Volt, Byte Alterable E2PROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C513JI-90 Datasheet(HTML) 1 Page - Xicor Inc.

  X28C513JI-90 Datasheet HTML 1Page - Xicor Inc. X28C513JI-90 Datasheet HTML 2Page - Xicor Inc. X28C513JI-90 Datasheet HTML 3Page - Xicor Inc. X28C513JI-90 Datasheet HTML 4Page - Xicor Inc. X28C513JI-90 Datasheet HTML 5Page - Xicor Inc. X28C513JI-90 Datasheet HTML 6Page - Xicor Inc. X28C513JI-90 Datasheet HTML 7Page - Xicor Inc. X28C513JI-90 Datasheet HTML 8Page - Xicor Inc. X28C513JI-90 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
X28C512/X28C513
1
512K
X28C512/X28C513
64K x 8 Bit
5 Volt, Byte Alterable E2PROM
© Xicor, Inc. 1991, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3856-3.2 8/5/97 T1/C0/D0 EW
FEATURES
Access Time: 90ns
Simple Byte and Page Write
—Single 5V Supply
— No External High Voltages or VPP Control
Circuits
—Self-Timed
—No Erase Before Write
—No Complex Programming Algorithms
—No Overerase Problem
Low Power CMOS:
—Active: 50mA
—Standby: 500
µA
Software Data Protection
—Protects Data Against System Level
Inadvertant Writes
High Speed Page Write Capability
Highly Reliable Direct Write™ Cell
—Endurance: 100,000 Write Cycles
—Data Retention: 100 Years
Early End of Write Detection
DATA Polling
—Toggle Bit Polling
Two PLCC and LCC Pinouts
—X28C512
—X28C010 E2PROM Pin Compatible
—X28C513
—Compatible with Lower Density E2PROMs
DESCRIPTION
The X28C512/513 is an 64K x 8 E2PROM, fabricated
with Xicor’s proprietary, high performance, floating gate
CMOS technology. Like all Xicor programmable non-
volatile memories the X28C512/513 is a 5V only device.
The X28C512/513 features the JEDEC approved pinout
for bytewide memories, compatible with industry stan-
dard EPROMS.
The X28C512/513 supports a 128-byte page write op-
eration, effectively providing a 39
µs/byte write cycle and
enabling the entire memory to be written in less than 2.5
seconds. The X28C512/513 also features
DATA Polling
and Toggle Bit Polling, system software support schemes
used to indicate the early completion of a write cycle. In
addition, the X28C512/513 supports the Software Data
Protection option.
PIN CONFIGURATIONS
3856 FHD F01
NC
NC
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
NC
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/04
I/O3
X28C512
PLASTIC DIP
CERDIP
FLAT PACK
SOIC (R)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
X28C512
3856 ILL F22
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
NC
NC
VSS
NC
NC
I/O2
I/O1
I/O0
A0
A1
A2
A3
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A11
A9
A8
A13
A14
NC
NC
NC
WE
VCC
NC
NC
NC
NC
A15
A12
A7
A6
A5
A4
TSOP
X28C512
(TOP VIEW)
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
A13
A8
A9
A11
OE
A10
CE
I/O7
A14
3856 FHD F03
232
6
1
5 43
8
7
9
10
11
12
13
15
17
16
18 19 20
22
23
24
25
26
27
28
29
31
14
21
30
PLCC / LCC
X28C513
(TOP VIEW)
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A9
A11
NC
A10
OE
I/O7
CE
I/O6
A8
3856 FHD F04
232
6
1
5 43
8
7
9
10
11
12
13
15
17
16
18 19 20
22
23
24
25
26
27
28
29
31
21
14
30
PGA
3856 FHD F02
BOTTOM
VIEW
14
A0
16
I/O1
18
VSS
11
A3
9
A5
7
A7
15
I/O0
17
I/O2
19
I/O3
5
A15
2
NC
36
VCC
20
I/O4
21
I/O5
34
NC
23
I/O7
25
A10
27
A11
29
A8
22
I/O6
32
NC
24
CE
26
OE
28
A9
30
A13
13
A1
12
A2
10
A4
8
A6
4
NC
3
NC
1
NC
35
WE
33
NC
31
A14
6
A12


Similar Part No. - X28C513JI-90

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X28C513JI-12 RENESAS-X28C513JI-12 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28C513JI-12T1 INTERSIL-X28C513JI-12T1 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28C513JI-15 INTERSIL-X28C513JI-15 Datasheet
599Kb / 25P
   5V, Byte Alterable EEPROM
X28C513JI-15 INTERSIL-X28C513JI-15 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C513JI-15 RENESAS-X28C513JI-15 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28C513JI-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
   5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
   5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
   5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com