Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT1G14GV Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHCT1G14GV
Description  Inverting Schmitt trigger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT1G14GV Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT1G14GV Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 12Page - NXP Semiconductors 74AHCT1G14GV Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
74AHC_AHCT1G14_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 18 May 2009
9 of 15
NXP Semiconductors
74AHC1G14; 74AHCT1G14
Inverting Schmitt trigger
14. Application information
The slow input rise and fall times cause additional power dissipation, which can be
calculated using the following formula:
Padd =fi × (tr ×∆ICC(AV) +tf ×∆ICC(AV)) × VCC where:
Padd = additional power dissipation (µW);
fi = input frequency (MHz);
tr = input rise time (ns); 10 % to 90 %;
tf = input fall time (ns); 90 % to 10 %;
∆I
CC(AV) = average additional supply current (µA).
Average additional ICC differs with positive or negative input transitions, as shown in
Figure 14 and Figure 15.
For 74AHC1G14 and 74AHCT1G14 used in relaxation oscillator circuit, see Figure 16.
Note to the application information:
1. All values given are typical unless otherwise specified.
Fig 12. Typical 74AHCT1G14 transfer characteristics;
VCC = 4.5 V
Fig 13. Typical 74AHCT1G14 transfer characteristics;
VCC = 5.5 V
05
VI (V)
ICC
(mA)
5
0
1
mna404
2
3
4
1234
02
6
8
0
2
4
6
mna405
4
VI (V)
ICC
(mA)


Similar Part No. - 74AHCT1G14GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G14GV PHILIPS-74AHCT1G14GV Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHCT1G14GV NXP-74AHCT1G14GV Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06-18 May 2009
logo
Nexperia B.V. All right...
74AHCT1G14GV NEXPERIA-74AHCT1G14GV Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
74AHCT1G14GV-Q100 NEXPERIA-74AHCT1G14GV-Q100 Datasheet
802Kb / 17P
   Inverting Schmitt trigger
74AHCT1G14GV-Q100 NEXPERIA-74AHCT1G14GV-Q100 Datasheet
259Kb / 14P
   Inverting Schmitt trigger
Rev. 4 - 12 January 2022
More results

Similar Description - 74AHCT1G14GV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com