Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G66GV Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AHC1G66GV
Description  Single-pole single-throw analog switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G66GV Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AHC1G66GV Datasheet HTML 6Page - NXP Semiconductors 74AHC1G66GV Datasheet HTML 7Page - NXP Semiconductors 74AHC1G66GV Datasheet HTML 8Page - NXP Semiconductors 74AHC1G66GV Datasheet HTML 9Page - NXP Semiconductors 74AHC1G66GV Datasheet HTML 10Page - NXP Semiconductors 74AHC1G66GV Datasheet HTML 11Page - NXP Semiconductors 74AHC1G66GV Datasheet HTML 12Page - NXP Semiconductors 74AHC1G66GV Datasheet HTML 13Page - NXP Semiconductors 74AHC1G66GV Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
74AHC_AHCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
10 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
11.2 Additional dynamic characteristics
Test data is given in Table 11.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 10. Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 11.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74AHC1G66
GND to VCC
3 ns
15 pF, 50 pF
1 k
open
GND
VCC
74AHCT1G66
GND to 3 V
3 ns
15 pF, 50 pF
1 k
open
GND
VCC
Table 12.
Additional dynamic characteristics for 74AHC1G66 and 74AHCT1G66
GND = 0 V; tr = tf = 3.0 ns; CL = 50 pF; unless otherwise specified. All typical values are measured at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic
distortion
fi = 1 kHz; RL = 10 kΩ; see Figure 11
VCC = 3.0 V to 3.6 V
-
0.025
-
%
VCC = 4.5 V to 5.5 V
-
0.015
-
%
fi = 10 kHz; RL = 10 kΩ; see Figure 11
VCC = 3.0 V to 3.6 V; VI = 2.5 V
-
0.025
-
%
VCC = 4.5 V to 5.5 V; VI = 4.0 V
-
0.015
-
%


Similar Part No. - 74AHC1G66GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G66GV PHILIPS-74AHC1G66GV Datasheet
108Kb / 24P
   Bilateral switch
2002 Jun 06
74AHC1G66GV NXP-74AHC1G66GV Datasheet
128Kb / 17P
   74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHC1G66GV NEXPERIA-74AHC1G66GV Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74AHC1G66GV-Q100 NEXPERIA-74AHC1G66GV-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHC1G66GV-Q100 NEXPERIA-74AHC1G66GV-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
More results

Similar Description - 74AHC1G66GV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com