Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1GU04GV Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHC1GU04GV
Description  Inverter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1GU04GV Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC1GU04GV Datasheet HTML 2Page - NXP Semiconductors 74AHC1GU04GV Datasheet HTML 3Page - NXP Semiconductors 74AHC1GU04GV Datasheet HTML 4Page - NXP Semiconductors 74AHC1GU04GV Datasheet HTML 5Page - NXP Semiconductors 74AHC1GU04GV Datasheet HTML 6Page - NXP Semiconductors 74AHC1GU04GV Datasheet HTML 7Page - NXP Semiconductors 74AHC1GU04GV Datasheet HTML 8Page - NXP Semiconductors 74AHC1GU04GV Datasheet HTML 9Page - NXP Semiconductors 74AHC1GU04GV Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74AHC1GU04_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 10 July 2007
6 of 12
NXP Semiconductors
74AHC1GU04
Inverter
14. Application information
Some applications are:
Linear amplifier (see Figure 12)
In crystal oscillator design (see Figure 13)
Remark: All values given are typical unless otherwise specified.
Fig 9.
VCC = 5.5 V; IO = 0 A
Fig 10. Test set-up for measuring forward
transconductance gfs = ∆IO/∆VI at VO is
constant
02
6
6
0
3
50
0
30
10
40
20
mna399
4
VO
(V)
VO
ICC
(mA)
VI (V)
ID (drain current)
mna050
VCC
Rbias = 560 kΩ
input
0.47
µF
100
µF
output
A
GND
IO
VI
(f = 1 kHz)
Fig 11. Typical forward transconductance gfs as a function of the supply voltage at Tamb =25 °C
0246
40
30
10
0
20
mna400
VCC (V)
gfs
(mA/V)


Similar Part No. - 74AHC1GU04GV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1GU04GV NEXPERIA-74AHC1GU04GV Datasheet
233Kb / 12P
   Inverter
Rev. 6 - 12 January 2022
74AHC1GU04GV-Q100 NEXPERIA-74AHC1GU04GV-Q100 Datasheet
703Kb / 13P
   The 74AHC1GU04-Q100 is a high-speed Si-gate CMOS device. It provides an inverting single stage function
More results

Similar Description - 74AHC1GU04GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com