Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT2G00DC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHCT2G00DC
Description  Dual 2-input NAND gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT2G00DC Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHCT2G00DC Datasheet HTML 1Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 2Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 3Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 4Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G00DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74AHC_AHCT2G00_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 January 2009
2 of 14
NXP Semiconductors
74AHC2G00; 74AHCT2G00
Dual 2-input NAND gate
4.
Marking
5.
Functional diagram
Table 2.
Marking
Type number
Marking code
74AHC2G00DP
A00
74AHCT2G00DP
C00
74AHC2G00DC
A00
74AHCT2G00DC
C00
74AHC2G00GD
A00
74AHCT2G00GD
C00
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aah748
1A
1B
1Y
2A
2B
2Y
001aah749
&
&
Fig 3.
Logic diagram (one gate)
mna099
B
A
Y


Similar Part No. - 74AHCT2G00DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT2G00DC PHILIPS-74AHCT2G00DC Datasheet
94Kb / 17P
   The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
logo
Nexperia B.V. All right...
74AHCT2G00DC NEXPERIA-74AHCT2G00DC Datasheet
211Kb / 11P
   Dual 2-input NAND gate
Rev. 5 - 7 March 2019
74AHCT2G00DC-Q100 NEXPERIA-74AHCT2G00DC-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
More results

Similar Description - 74AHCT2G00DC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
   Dual 2-input NAND gate
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
   Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
   Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
   Dual 2-input NAND gate
Rev. 6 - 20 November 2018
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
   Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
   Dual 2-input NAND gate
Rev. 12-8 April 2013
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
   Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_V01 Datasheet
184Kb / 12P
   Dual 2-Input NAND Gate
March, 2022 - Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com