Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC3G04DP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHC3G04DP
Description  Inverter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC3G04DP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC3G04DP Datasheet HTML 5Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 6Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 7Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 8Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 9Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 10Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 11Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 12Page - NXP Semiconductors 74AHC3G04DP Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
74AHC_AHCT3G04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 26 January 2009
9 of 13
NXP Semiconductors
74AHC3G04; 74AHCT3G04
Inverter
Fig 9.
Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index


Similar Part No. - 74AHC3G04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC3G04DP PHILIPS-74AHC3G04DP Datasheet
84Kb / 16P
   INVERTER
2003 Nov 06
logo
Nexperia B.V. All right...
74AHC3G04DP NEXPERIA-74AHC3G04DP Datasheet
236Kb / 13P
   Inverter
Rev. 5 - 4 August 2021
74AHC3G04DP-Q100 NEXPERIA-74AHC3G04DP-Q100 Datasheet
211Kb / 11P
   The 74AHC3G04-Q100; 74AHCT3G04-Q100 are high-speed Si-gate CMOS devices. They provide three inverting buffers
More results

Similar Description - 74AHC3G04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com