Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC3GU04 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC3GU04
Description  Inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC3GU04 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC3GU04 Datasheet HTML 1Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 2Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 3Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 4Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 5Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 6Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 7Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 8Page - NXP Semiconductors 74AHC3GU04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74AHC3GU04_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 7 January 2010
3 of 15
NXP Semiconductors
74AHC3GU04
Inverter
6.2 Pin description
7.
Functional description
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP8 package: above 55
°C the value of P
tot derates linearly with 2.5 mW/K.
For VSSOP8 package: above 110
°C the value of P
tot derates linearly with 8 mW/K.
For XSON8U package: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
1A, 2A, 3A
1, 3, 6
data input
GND
4
ground (0 V)
1Y, 2Y, 3Y
7, 5, 2
data output
VCC
8
supply voltage
Table 4.
Function table
H = HIGH voltage level; L = LOW voltage level
Input
Output
A
Y
L
H
H
L
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
[1]
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO > VCC + 0.5 V
[1] -
±20
mA
IO
output current
−0.5 V < V
O < VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW


Similar Part No. - 74AHC3GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC3GU04 PHILIPS-74AHC3GU04 Datasheet
97Kb / 17P
   high-speed Si-gate CMOS device
Rev. 01-5 March 2004
logo
Nexperia B.V. All right...
74AHC3GU04 NEXPERIA-74AHC3GU04 Datasheet
233Kb / 13P
   Triple unbuffered inverter
Rev. 6 - 27 February 2019
74AHC3GU04-Q100 NEXPERIA-74AHC3GU04-Q100 Datasheet
233Kb / 13P
   Triple unbuffered inverter
logo
NXP Semiconductors
74AHC3GU04DC PHILIPS-74AHC3GU04DC Datasheet
97Kb / 17P
   high-speed Si-gate CMOS device
Rev. 01-5 March 2004
logo
Nexperia B.V. All right...
74AHC3GU04DC NEXPERIA-74AHC3GU04DC Datasheet
233Kb / 13P
   Triple unbuffered inverter
Rev. 6 - 27 February 2019
More results

Similar Description - 74AHC3GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com