Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC2G241DC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AHC2G241DC
Description  Dual buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC2G241DC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AHC2G241DC Datasheet HTML 2Page - NXP Semiconductors 74AHC2G241DC Datasheet HTML 3Page - NXP Semiconductors 74AHC2G241DC Datasheet HTML 4Page - NXP Semiconductors 74AHC2G241DC Datasheet HTML 5Page - NXP Semiconductors 74AHC2G241DC Datasheet HTML 6Page - NXP Semiconductors 74AHC2G241DC Datasheet HTML 7Page - NXP Semiconductors 74AHC2G241DC Datasheet HTML 8Page - NXP Semiconductors 74AHC2G241DC Datasheet HTML 9Page - NXP Semiconductors 74AHC2G241DC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74AHC_AHCT2G241_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 13 January 2009
6 of 16
NXP Semiconductors
74AHC2G241; 74AHCT2G241
Dual buffer/line driver; 3-state
ten
enable time
1OE to 1Y; see Figure 6
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
5.0
8.0
1.0
9.5
1.0
11.5
ns
CL = 50 pF
-
6.9
11.5
1.0
13.0
1.0
14.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.6
5.1
1.0
6.0
1.0
6.5
ns
CL = 50 pF
-
4.9
7.5
1.0
8.5
1.0
9.5
ns
2OE to 2Y; see Figure 7
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
4.9
8.0
1.0
9.5
1.0
10.0
ns
CL = 50 pF
-
7.0
11.5
1.0
13.0
1.0
14.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.6
5.6
1.0
6.3
1.0
7.0
ns
CL = 50 pF
-
5.4
8.0
1.0
9.0
1.0
9.5
ns
tdis
disable time
1OE to 1Y; see Figure 6
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
6.0
9.7
1.0
11.5
1.0
12.5
ns
CL = 50 pF
-
8.3
13.2
1.0
15.0
1.0
16.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
4.1
6.8
1.0
8.0
1.0
8.5
ns
CL = 50 pF
-
5.7
8.8
1.0
10.0
1.0
11.0
ns
2OE to 2Y; see Figure 7
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
6.3
9.7
1.0
11.5
1.0
12.5
ns
CL = 50 pF
-
9.0
13.2
1.0
15.0
1.0
16.5
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
4.3
6.8
1.0
8.0
1.0
8.5
ns
CL = 50 pF
-
6.1
8.8
1.0
10.0
1.0
11.0
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[4]
-10-
-
-
-
-
pF
74AHCT2G241
tpd
propagation
delay
nA to nY; see Figure 5
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.4
5.5
1.0
6.5
1.0
7.0
ns
CL = 50 pF
-
4.7
7.5
1.0
8.5
1.0
9.5
ns
Table 8.
Dynamic characteristics …continued
GND = 0 V; for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max


Similar Part No. - 74AHC2G241DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G241DC PHILIPS-74AHC2G241DC Datasheet
105Kb / 19P
   Dual buffer/line driver; 3-state
Rev. 01-10 March 2004
logo
Nexperia B.V. All right...
74AHC2G241DC NEXPERIA-74AHC2G241DC Datasheet
240Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 4 - 16 January 2019
74AHC2G241DC-Q100 NEXPERIA-74AHC2G241DC-Q100 Datasheet
240Kb / 14P
   Dual buffer/line driver; 3-state
More results

Similar Description - 74AHC2G241DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com