Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT3G14DC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHCT3G14DC
Description  Inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT3G14DC Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHCT3G14DC Datasheet HTML 1Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 2Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 3Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 4Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 5Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT3G14DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AHC_AHCT3G14_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 5 May 2009
2 of 16
NXP Semiconductors
74AHC3G14; 74AHCT3G14
Inverting Schmitt trigger
4.
Ordering information
5.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC3G14DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
74AHCT3G14DP
74AHC3G14DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74AHCT3G14DC
74AHC3G14GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74AHCT3G14GD
Table 2.
Marking codes
Type number
Marking code[1]
74AHC3G14DP
A14
74AHCT3G14DP
C14
74AHC3G14DC
A14
74AHCT3G14DC
C14
74AHC3G14GD
A14
74AHCT3G14GD
C14
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
(one Schmitt trigger)
001aah728
1A
1Y
3Y
3A
2A
2Y
001aah729
mna025
A
Y


Similar Part No. - 74AHCT3G14DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT3G14DC PHILIPS-74AHCT3G14DC Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
logo
Nexperia B.V. All right...
74AHCT3G14DC NEXPERIA-74AHCT3G14DC Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
74AHCT3G14DC-Q100 NEXPERIA-74AHCT3G14DC-Q100 Datasheet
257Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74AHCT3G14DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com