Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC373 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVC373
Description  Octal D-type transparent latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC373 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVC373 Datasheet HTML 7Page - NXP Semiconductors 74ALVC373 Datasheet HTML 8Page - NXP Semiconductors 74ALVC373 Datasheet HTML 9Page - NXP Semiconductors 74ALVC373 Datasheet HTML 10Page - NXP Semiconductors 74ALVC373 Datasheet HTML 11Page - NXP Semiconductors 74ALVC373 Datasheet HTML 12Page - NXP Semiconductors 74ALVC373 Datasheet HTML 13Page - NXP Semiconductors 74ALVC373 Datasheet HTML 14Page - NXP Semiconductors 74ALVC373 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74ALVC373_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 18 October 2007
11 of 17
NXP Semiconductors
74ALVC373
Octal D-type transparent latch; 3-state
Test data is given in Table 9.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 12. Test circuitry for switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Table 9.
Test data
Supply voltage
Input
Load
VEXT
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
open
2
× V
CC
GND
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
open
2
× V
CC
GND
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
open
6 V
GND
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
open
6 V
GND


Similar Part No. - 74ALVC373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
logo
Nexperia B.V. All right...
74ALVC373 NEXPERIA-74ALVC373 Datasheet
267Kb / 15P
   Octal D-type transparent latch; 3-state
Rev. 3 - 30 April 2021
74ALVC373BQ NEXPERIA-74ALVC373BQ Datasheet
267Kb / 15P
   Octal D-type transparent latch; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC373D PHILIPS-74ALVC373D Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
logo
Nexperia B.V. All right...
74ALVC373D NEXPERIA-74ALVC373D Datasheet
267Kb / 15P
   Octal D-type transparent latch; 3-state
Rev. 3 - 30 April 2021
More results

Similar Description - 74ALVC373

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com