Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G04GM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP1G04GM
Description  Low-power inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G04GM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G04GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G04GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G04GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G04GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G04GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1G04GM Datasheet HTML 11Page - NXP Semiconductors 74AUP1G04GM Datasheet HTML 12Page - NXP Semiconductors 74AUP1G04GM Datasheet HTML 13Page - NXP Semiconductors 74AUP1G04GM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74AUP1G04_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 5 November 2009
10 of 18
NXP Semiconductors
74AUP1G04
Low-power inverter
12. Waveforms
CL = 15 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
AtoY
see Figure 7
VCC = 1.1 V to 1.3 V
3.0
15.8
3.0
17.4
ns
VCC = 1.4 V to 1.6 V
2.4
10.0
2.4
11.0
ns
VCC = 1.65 V to 1.95 V
2.1
8.0
2.1
8.8
ns
VCC = 2.3 V to 2.7 V
1.8
6.1
1.8
6.8
ns
VCC = 3.0 V to 3.6 V
1.8
5.0
1.8
5.5
ns
CL = 30 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay
AtoY
see Figure 7
VCC = 1.1 V to 1.3 V
4.0
19.0
4.0
20.9
ns
VCC = 1.4 V to 1.6 V
3.2
12.9
3.2
14.2
ns
VCC = 1.65 V to 1.95 V
2.9
10.5
2.9
11.6
ns
VCC = 2.3 V to 2.7 V
2.6
7.6
2.6
8.4
ns
VCC = 3.0 V to 3.6 V
2.6
6.2
2.6
6.9
ns
Table 9.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 7.
The data input (A) to output (Y) propagation delays
mna640
tPHL
tPLH
VM
VM
A input
Y output
GND
VI
VOH
VOL
Table 10.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× VCC
0.5
× VCC
VCC
≤ 3.0 ns


Similar Part No. - 74AUP1G04GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G04GM PHILIPS-74AUP1G04GM Datasheet
81Kb / 16P
   Low-power inverter
Rev. 02-28 June 2006
logo
Nexperia B.V. All right...
74AUP1G04GM NEXPERIA-74AUP1G04GM Datasheet
294Kb / 20P
   Low-power inverter
Rev. 11 - 13 January 2022
More results

Similar Description - 74AUP1G04GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G04 PHILIPS-74AUP1G04_15 Datasheet
421Kb / 22P
   Low-power inverter
Rev. 7-27 June 2012
logo
Nexperia B.V. All right...
74AUP1G04 NEXPERIA-74AUP1G04 Datasheet
294Kb / 20P
   Low-power inverter
Rev. 11 - 13 January 2022
logo
NXP Semiconductors
74AXP1G04 PHILIPS-74AXP1G04_15 Datasheet
189Kb / 17P
   Low-power inverter
Rev. 1-25 August 2014
74AUP1G04 PHILIPS-74AUP1G04 Datasheet
81Kb / 16P
   Low-power inverter
Rev. 02-28 June 2006
logo
Nexperia B.V. All right...
74AXP1G04 NEXPERIA-74AXP1G04 Datasheet
796Kb / 17P
   Low-power inverter
74AUP1G04-Q100 NEXPERIA-74AUP1G04-Q100 Datasheet
700Kb / 16P
   Low-power inverter
logo
NXP Semiconductors
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
   Low-power dual inverter
Rev. 02-7 July 2009
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
   Low-power dual inverter
Rev. 5-5 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com