Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G07GW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AUP1G07GW
Description  Low-power buffer with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G07GW Datasheet(HTML) 1 Page - NXP Semiconductors

  74AUP1G07GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G07GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74AUP1G07 provides the single non-inverting buffer with open-drain output. The
output of the device is an open drain and can be connected to other open-drain outputs to
implement active-LOW wired-OR or active-HIGH wired-AND functions.
Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2.
Features
I Wide supply voltage range from 0.8 V to 3.6 V
I High noise immunity
I Complies with JEDEC standards:
N JESD8-12 (0.8 V to 1.3 V)
N JESD8-11 (0.9 V to 1.65 V)
N JESD8-7 (1.2 V to 1.95 V)
N JESD8-5 (1.8 V to 2.7 V)
N JESD8-B (2.7 V to 3.6 V)
I ESD protection:
N HBM JESD22-A114E Class 3A exceeds 5000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Low static power consumption; ICC = 0.9 µA (maximum)
I Latch-up performance exceeds 100 mA per JESD 78 Class II
I Inputs accept voltages up to 3.6 V
I Low noise overshoot and undershoot < 10 % of VCC
I IOFF circuitry provides partial Power-down mode operation
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
74AUP1G07
Low-power buffer with open-drain output
Rev. 03 — 17 June 2009
Product data sheet


Similar Part No. - 74AUP1G07GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G07GW PHILIPS-74AUP1G07GW Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP1G07GW NXP-74AUP1G07GW Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
74AUP1G07GW PHILIPS-74AUP1G07GW Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Nexperia B.V. All right...
74AUP1G07GW NEXPERIA-74AUP1G07GW Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
74AUP1G07GW-Q100 NEXPERIA-74AUP1G07GW-Q100 Datasheet
214Kb / 12P
   Low-power buffer with open-drain output
Rev. 3 - 13 January 2022
More results

Similar Description - 74AUP1G07GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
logo
Nexperia B.V. All right...
74AUP1G07-Q100 NEXPERIA-74AUP1G07-Q100 Datasheet
214Kb / 12P
   Low-power buffer with open-drain output
Rev. 3 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_15 Datasheet
344Kb / 19P
   Low-power buffer with open-drain output
Rev. 7-16 July 2012
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com