Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G11 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP1G11
Description  Low-power 3-input AND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G11 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP1G11 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AUP1G11_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 4 September 2007
2 of 16
NXP Semiconductors
74AUP1G11
Low-power 3-input AND gate
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G11GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP1G11GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP1G11GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74AUP1G11GW
pU
74AUP1G11GM
pU
74AUP1G11GF
pU
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
001aac033
A
B
C
1
34
Y
6
001aac029
&
4
1
3
6
001aac030
A
B
C
Y


Similar Part No. - 74AUP1G11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G11 NEXPERIA-74AUP1G11 Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
74AUP1G11GM NEXPERIA-74AUP1G11GM Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
74AUP1G11GN NEXPERIA-74AUP1G11GN Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
74AUP1G11GS NEXPERIA-74AUP1G11GS Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
74AUP1G11GW NEXPERIA-74AUP1G11GW Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
More results

Similar Description - 74AUP1G11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G11 NEXPERIA-74AUP1G11 Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
74AXP1G11 NEXPERIA-74AXP1G11 Datasheet
809Kb / 16P
   Low-power 3-input AND gate
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
logo
Nexperia B.V. All right...
74AUP1G3208 NEXPERIA-74AUP1G3208 Datasheet
276Kb / 18P
   Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
   Low-power 3-input OR gate
Rev.01.00-27 February2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com