Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G18GW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP1G18GW
Description  Low-power 1-of-2 demultiplexer with 3-state deselected output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G18GW Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP1G18GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G18GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G18GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G18GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G18GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G18GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G18GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G18GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G18GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74AUP1G18_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 3 April 2008
3 of 19
NXP Semiconductors
74AUP1G18
Low-power 1-of-2 demultiplexer with 3-state deselected output
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
Z = high-impedance OFF-state.
Fig 2.
Pin configuration SOT363
(SC-88)
Fig 3.
Pin configuration SOT886
(XSON6)
Fig 4.
Pin configuration SOT891
(XSON6)
74AUP1G18
S1Y
GND
A2Y
001aae822
1
2
3
6
VCC
5
4
74AUP1G18
GND
001aad869
S
A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
74AUP1G18
GND
001aad870
S
A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
S
1
data select
GND
2
ground (0 V)
A
3
data input
2Y
4
data output
VCC
5
supply voltage
1Y
6
data output
Table 4.
Function table[1]
Input
Output
S
A
1Y
2Y
LLLZ
L
HHZ
HL
Z
L
HHZ
H


Similar Part No. - 74AUP1G18GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G18GW NEXPERIA-74AUP1G18GW Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
More results

Similar Description - 74AUP1G18GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G18 NEXPERIA-74AUP1G18 Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
logo
NXP Semiconductors
74AUP1G18 PHILIPS-74AUP1G18_15 Datasheet
214Kb / 22P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 5-3 July 2012
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI1-SN74LVC1G18_15 Datasheet
1Mb / 23P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com