Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G19GM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AUP1G19GM
Description  Low-power 1-of-2 decoder/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G19GM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP1G19GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74AUP1G19_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 August 2008
6 of 17
NXP Semiconductors
74AUP1G19
Low-power 1-of-2 decoder/demultiplexer
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70
× V
CC
--
V
VCC = 0.9 V to 1.95 V
0.65
× V
CC
--
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30
× V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.7
× VCC --
V
IO = −1.7 mA; VCC = 1.4 V
1.03
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.30
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.97
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.85
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.67
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.55
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.5
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.5
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.6
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
0.9
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
[1] --
50
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP1G19GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G19GM NEXPERIA-74AUP1G19GM Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
More results

Similar Description - 74AUP1G19GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G19 PHILIPS-74AUP1G19_15 Datasheet
177Kb / 20P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 5-6 November 2014
logo
Nexperia B.V. All right...
74AUP1G19 NEXPERIA-74AUP1G19 Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
   1-of-2 decoder/demultiplexer
2004 Oct 18
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
   1-of-2 decoder/demultiplexer
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com