Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G58GW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP1G58GW
Description  Low-power configurable multiple function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G58GW Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP1G58GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G58GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G58GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G58GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G58GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G58GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G58GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G58GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G58GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74AUP1G58_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 22 June 2009
3 of 19
NXP Semiconductors
74AUP1G58
Low-power configurable multiple function gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
Fig 2.
Pin configuration SOT363
(SC-88)
Fig 3.
Pin configuration SOT886
(XSON6)
Fig 4.
Pin configuration SOT891
(XSON6)
74AUP1G58
BC
GND
AY
001aad697
1
2
3
6
VCC
5
4
GND
001aad698
B
A
VCC
C
Y
Transparent top view
2
3
1
5
4
6
74AUP1G58
74AUP1G58
GND
001aad690
B
A
VCC
C
Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
B
1
data input
GND
2
ground (0 V)
A
3
data input
Y
4
data output
VCC
5
supply voltage
C
6
data input
Table 4.
Function table[1]
Input
Output
C
B
A
Y
LLLL
LLH
H
LH
LL
L
HHH
H
LLH
HL
HH
HHL
L
HHHL


Similar Part No. - 74AUP1G58GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G58GW NEXPERIA-74AUP1G58GW Datasheet
290Kb / 20P
   Low-power configurable multiple function gate
Rev. 9 - 24 January 2022
More results

Similar Description - 74AUP1G58GW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com