Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G374GW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AUP1G374GW
Description  Low-power D-type flip-flop; positive-edge trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G374GW Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP1G374GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G374GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
74AUP1G374_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 26 June 2009
4 of 20
NXP Semiconductors
74AUP1G374
Low-power D-type flip-flop; positive-edge trigger; 3-state
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SC-88 packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 package: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
−50
-
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V


Similar Part No. - 74AUP1G374GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G374GW NEXPERIA-74AUP1G374GW Datasheet
303Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 10 - 21 January 2022
74AUP1G374GW-Q100 NEXPERIA-74AUP1G374GW-Q100 Datasheet
712Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger 3-state
More results

Similar Description - 74AUP1G374GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G374-Q100 NEXPERIA-74AUP1G374-Q100 Datasheet
712Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger 3-state
74AUP1G374 NEXPERIA-74AUP1G374 Datasheet
303Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 10 - 21 January 2022
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
   Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
   Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com