Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G386 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP1G386
Description  Low-power 3-input EXCLUSIVE-OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G386 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP1G386 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G386 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AUP1G386_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2009
2 of 16
NXP Semiconductors
74AUP1G386
Low-power 3-input EXCLUSIVE-OR gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G386GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP1G386GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP1G386GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code[1]
74AUP1G386GW
aH
74AUP1G386GM
aH
74AUP1G386GF
aH
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mnb143
B
A
C
Y
6
3
1
4
1
6
= 1
4
mnb145
3
Fig 3.
Logic diagram
mnb144
A
B
C
Y


Similar Part No. - 74AUP1G386

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GM NEXPERIA-74AUP1G386GM Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GN NEXPERIA-74AUP1G386GN Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GS NEXPERIA-74AUP1G386GS Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GW NEXPERIA-74AUP1G386GW Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results

Similar Description - 74AUP1G386

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
NXP Semiconductors
74LVC1G386 PHILIPS-74LVC1G386 Datasheet
74Kb / 15P
   3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Nexperia B.V. All right...
74LVC1G386 NEXPERIA-74LVC1G386 Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
logo
NXP Semiconductors
74LVC1G386 NXP-74LVC1G386 Datasheet
71Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 02-3 September 2007
logo
Nexperia B.V. All right...
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
   UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Nexperia B.V. All right...
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com