Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G386GF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AUP1G386GF
Description  Low-power 3-input EXCLUSIVE-OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G386GF Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP1G386GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G386GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74AUP1G386_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2009
4 of 16
NXP Semiconductors
74AUP1G386
Low-power 3-input EXCLUSIVE-OR gate
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SC-88 packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 packages: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
−50
-
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode
0
VCC
V
Power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V


Similar Part No. - 74AUP1G386GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G386GM NEXPERIA-74AUP1G386GM Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GN NEXPERIA-74AUP1G386GN Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GS NEXPERIA-74AUP1G386GS Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
74AUP1G386GW NEXPERIA-74AUP1G386GW Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results

Similar Description - 74AUP1G386GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
logo
NXP Semiconductors
74LVC1G386 PHILIPS-74LVC1G386 Datasheet
74Kb / 15P
   3-input EXCLUSIVE-OR gate
2003 Nov 04
logo
Nexperia B.V. All right...
74LVC1G386 NEXPERIA-74LVC1G386 Datasheet
215Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 5 - 1 February 2022
logo
NXP Semiconductors
74LVC1G386 NXP-74LVC1G386 Datasheet
71Kb / 12P
   3-input EXCLUSIVE-OR gate
Rev. 02-3 September 2007
logo
Nexperia B.V. All right...
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
logo
ON Semiconductor
NC7SZ386 ONSEMI-NC7SZ386 Datasheet
309Kb / 8P
   UHS 3-Input Exclusive-OR Gate
Revised May 2014
logo
Nexperia B.V. All right...
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com