Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G3208GW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP1G3208GW
Description  Low-power 3-input OR-AND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G3208GW Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP1G3208GW Datasheet HTML 1Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 2Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G3208GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AUP1G3208_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 July 2009
2 of 16
NXP Semiconductors
74AUP1G3208
Low-power 3-input OR-AND gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP1G3208GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP1G3208GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP1G3208GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code[1]
74AUP1G3208GW
a2
74AUP1G3208GM
a2
74AUP1G3208GF
a2
Fig 1.
Logic symbol
001aad501
1
3
6
A
B
C
4
Y


Similar Part No. - 74AUP1G3208GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G3208GW PHILIPS-74AUP1G3208GW Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
74AUP1G3208GW NXP-74AUP1G3208GW Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
logo
Nexperia B.V. All right...
74AUP1G3208GW NEXPERIA-74AUP1G3208GW Datasheet
276Kb / 18P
   Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
More results

Similar Description - 74AUP1G3208GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
logo
Nexperia B.V. All right...
74AUP1G3208 NEXPERIA-74AUP1G3208 Datasheet
276Kb / 18P
   Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
   Low-power 3-input OR gate
Rev.01.00-27 February2006
74AUP1G332 NXP-74AUP1G332 Datasheet
91Kb / 16P
   Low-power 3-input OR gate
Rev. 02-29 February 2008
logo
Nexperia B.V. All right...
74AUP1G332 NEXPERIA-74AUP1G332 Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com