Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBS2.5-5-4B1 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # WBS2.5-5-4B1
Description  SMD wideband chokes EMI-suppression products
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

WBS2.5-5-4B1 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  WBS2.5-5-4B1 Datasheet HTML 1Page - Ferroxcube International Holding B.V. WBS2.5-5-4B1 Datasheet HTML 2Page - Ferroxcube International Holding B.V. WBS2.5-5-4B1 Datasheet HTML 3Page - Ferroxcube International Holding B.V. WBS2.5-5-4B1 Datasheet HTML 4Page - Ferroxcube International Holding B.V. WBS2.5-5-4B1 Datasheet HTML 5Page - Ferroxcube International Holding B.V. WBS2.5-5-4B1 Datasheet HTML 6Page - Ferroxcube International Holding B.V. WBS2.5-5-4B1 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2008 Sep 01
1453
Ferroxcube
EMI-suppression products
SMD wideband chokes
SMD wideband choke WBS2.5-5/4.8/10
ITEM
SPECIFICATION
Strip material copper (Cu), tin (Sn) plated
Solderability
“IEC 60068-2-58”, Part 2, Test Ta,
method 1
Mass
≈0.9 g
Taping
method
“IEC 60286-3” and “EIA 481-2”
Grades, parameters and type numbers; see Fig.3
Note
1.
Typical values,
Z
min is
−20%.
GRADE
|Ztyp|(1)
(
Ω)
at f
(MHz)
TYPE NUMBER
3S4
300
10
WBS2.5-5/4.8/10-3S4
625
50
600
100
4B1
485
25
WBS2.5-5/4.8/10-4B1
850
100
350
300
handbook, full pagewidth
≥2
≤11
≥2
≥2
8.5
±0.25
5
±0.25
4.6
±0.2
CBW182
Fig.3 WBS2.5-5/4.8/10.
Dimensions in mm.
handbook, full pagewidth
;;;;;
;;;;;
;;;;;
;;;;;
2.5
14.5
6
6
MBG062
Fig.4 Solder lands for reflow soldering of WBS2.5-5/4.8/10.
Dimensions of solder lands are based on a solder paste layer thickness of approximately 200
µm (≈0.7 mg solder paste per mm2).


Similar Part No. - WBS2.5-5-4B1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
WBS6-Q PANDUIT-WBS6-Q Datasheet
38Kb / 2P
   Bundle and secure wire cable
logo
Taiyo Yuden (U.S.A.), I...
WBSACVLXY-1 TAIYO-YUDEN-WBSACVLXY-1 Datasheet
310Kb / 8P
   Wireless LAN Module Evaluation Board
WBSBHVGXG TAIYO-YUDEN-WBSBHVGXG Datasheet
610Kb / 8P
   Wireless LAN and Bluetooth Module Evaluation Board
WBSBMVGX4-I TAIYO-YUDEN-WBSBMVGX4-I Datasheet
142Kb / 8P
   Wireless Module 802.11abgn, Wide Temperature WYSBMVGX4-I & WBSBMVGX4-I Overview
Version 2.0
logo
Micross Components
WBSC0303-10NF MICROSS-WBSC0303-10NF Datasheet
223Kb / 1P
   Wire Bonding Silicon Vertical Capacitor
More results

Similar Description - WBS2.5-5-4B1

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
WBSM2.5-5-4B1 FERROXCUBE-WBSM2.5-5-4B1 Datasheet
69Kb / 6P
   SMD wideband chokes metallized EMI-suppression products
WBC1.5-A-3S4 FERROXCUBE-WBC1.5-A-3S4 Datasheet
83Kb / 6P
   Wideband chokes EMI-suppression products
CMS2-5.6-4S2 FERROXCUBE-CMS2-5.6-4S2 Datasheet
91Kb / 9P
   SMD common mode chokes EMI-suppression products
BDS3-3S1 FERROXCUBE-BDS3-3S1 Datasheet
76Kb / 7P
   SMD beads EMI-suppression products
TUB3.5-1.2-5-4B1 FERROXCUBE-TUB3.5-1.2-5-4B1 Datasheet
43Kb / 3P
   EMI-suppression products
logo
Myrra
74190 MYRRA-74190 Datasheet
128Kb / 1P
   DIMMER CHOKES FOR EMI SUPPRESSION
logo
Ferroxcube Internationa...
MLS0603-4S7-301 FERROXCUBE-MLS0603-4S7-301 Datasheet
167Kb / 13P
   Multilayer suppressors EMI-suppression products
logo
Coilcraft lnc.
4310LC COILCRAFT-4310LC Datasheet
198Kb / 2P
   Wideband Bias Chokes
logo
List of Unclassifed Man...
SU9V-01100 ETC2-SU9V-01100 Datasheet
156Kb / 2P
   Suppression Chokes SU9V Series
logo
Ferroxcube Internationa...
F08_2011 FERROXCUBE-F08_2011 Datasheet
179Kb / 1P
   SMD wideband chokes (WBS) manufacturing location and 12NC change
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com