Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN13-3C20-A67 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # TN13-3C20-A67
Description  Gapped ferrite toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TN13-3C20-A67 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TN13-3C20-A67 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TN13-3C20-A67 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TN13-3C20-A67 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1479
Ferroxcube
Gapped ferrite toroids
TN13/7.5/5
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with polyamide 11 (PA11), flame
retardant in accordance with “UL 94V-2”; UL file number
E 45228 (M).
The colour is white.
Maximum operating temperature is 160
°C.
Isolation voltage
DC isolation voltage: 1500 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
2.46
mm−1
Ve
effective volume
368
mm3
Ie
effective length
30.1
mm
Ae
effective area
12.2
mm2
m
mass of core
≈ 1.8
g
Fig.1 TN13/7.5/5 ring core.
Dimensions in mm.
MFP039
6.6
±0.35
5.4
±0.3
coating PA11
(
≈0.3)
13.0
±0.35
Ring core data
Note
1. Winding equally distributed over the circumference.
Properties of cores under power conditions
GRADE
AL(1)
(nH)
µe
TYPE NUMBER
3C20
40
± 15%
≈ 90
TN13/5-3C20-A40
56
± 15%
≈ 125
TN13/5-3C20-A56
67
± 15%
≈ 147
TN13/5-3C20-A67
72
± 15%
≈ 160
TN13/5-3C20-A72
79
± 15%
≈ 173
TN13/5-3C20-A79
GRADE
B (mT) at
CORE LOSS (W) at
H = 1200 A/m;
f = 10 kHz;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f= 100 kHz;
= 200 mT;
T=100
°C
3C20
∼ 400
≤ 0.033
≤ 0.22
B
ˆ
B
ˆ


Similar Part No. - TN13-3C20-A67

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN13-3C11 FERROXCUBE-TN13-3C11 Datasheet
47Kb / 4P
   Ferrite toroids
TN13-3C90 FERROXCUBE-TN13-3C90 Datasheet
47Kb / 4P
   Ferrite toroids
More results

Similar Description - TN13-3C20-A67

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN17-11-6.4 FERROXCUBE-TN17-11-6.4 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN26-15-11 FERROXCUBE-TN26-15-11 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN10-3C20-A48 FERROXCUBE-TN10-3C20-A48 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN20-10-6.4 FERROXCUBE-TN20-10-6.4 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TN23-14-7.5 FERROXCUBE-TN23-14-7.5 Datasheet
44Kb / 3P
   Gapped ferrite toroids
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com