Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSH5718-76-28-189 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # QSH5718-76-28-189
Description  new series 57mm/NEMA23 1.8째stepangle high torque hybrids tepper motor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

QSH5718-76-28-189 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  QSH5718-76-28-189 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOTORS
QMOT STEPPER MOTORS
www.trinamic.com – for detailed information and datasheets
INFO
M A IN CH A R AC T ER IS T ICS
10 mm
QSH
5718
new series 57 mm / NEMA23
1.8° step angle
high torque
hybrid stepper motor
These high torque two phase hybrid stepper motors are opti-
mized for microstepping and give a good fit to the TRINAMIC
family of motor controllers and drivers. They are also used in
the new 57 mm PANdrive mechatronics family.
SPECIFICATIONS
UNIT
-41-28-055
-51-28-101
-56-28-126
-76-28-189
Rated phase current
A
2.8
2.8
2.8
2.8
Ph. resistance at 20°C
0.7
0.83
0.9
1.13
Ph. inductance (typ.)
mH
1.4
2.2
2.5
3.6
Holding torque (typ.)
Ncm
55
101
126
189
Detent torque
Ncm
2.0
3.5
3.9
6.6
Rotor inertia
gcm2
120
275
300
480
Weight (mass)
kg
0,45
0.65
0.7
1.00
Motor length
mm
41.0
51.0
56.0
76.0
Related PAN-drive
Type
PD1-...-57
PD2-...-57
PD3-...-57
PD4-...-57
ORDER CODE
DESCRIPTION
QSH5718-41-28-055
QMot Steppermotor 57 mm, 2.8A, 0.55 Nm
QSH5718-51-28-101
QMot Steppermotor 57 mm, 2.8A, 1,01 Nm
QSH5718-56-28-126
QMot Steppermotor 57 mm, 2.8A, 1.26 Nm
QSH5718-76-28-189
QMot Steppermotor 57 mm, 2.8A, 1.89 Nm
NEMA 23 mounting configuration
flange max. 56.4 mm * 56.4 mm
6.35 mm axis diameter, 20.6 mm length
step angle: 1.8˚
optimized for microstep operation
optimum fit for
TMC239 / TMC249 based driver circuits
up to 75V operating voltage
4 wire connection
neodymium magnets for maximum torque
CE approved
RoHS compliant
93


Similar Part No. - QSH5718-76-28-189

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH5718-76-28-189 TRINAMIC-QSH5718-76-28-189 Datasheet
400Kb / 15P
   QMOT STEPPER MOTORS
More results

Similar Description - QSH5718-76-28-189

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH5718 TRINAMIC-QSH5718 Datasheet
79Kb / 1P
   57mm/NEMA23 1.8째 stepangle high torque hybrids tepper motor
QSH2818 TRINAMIC-QSH2818 Datasheet
112Kb / 1P
   28mm/NEMA11 1.8째stepangle high torque hybrids tepper motor
QSH6018 TRINAMIC-QSH6018 Datasheet
195Kb / 1P
   60mm/NEMA24 1.8째stepangle high torque hybrids tepper motor
QSH8618 TRINAMIC-QSH8618 Datasheet
73Kb / 1P
   86mm/NEMA34 1.8째stepangle high torque hybrid stepper motor
QSH4218 TRINAMIC-QSH4218 Datasheet
158Kb / 1P
   42mm/NEMA17 1.8째stepangle high torque hybrid stepper motor
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
   57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
PD-113-57-SE TRINAMIC-PD-113-57-SE Datasheet
87Kb / 1P
   57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
QBL5704 TRINAMIC-QBL5704 Datasheet
164Kb / 1P
   57mm 4pole BLDC motor
logo
List of Unclassifed Man...
BL060-H03-H ETC2-BL060-H03-H Datasheet
223Kb / 4P
   57mm Brushless DC Motor, 60W, 24V
HT23-595 ETC2-HT23-595 Datasheet
82Kb / 3P
   NEMA 23 High Torque Step Motor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com