Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1Z04 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP1Z04
Description  Low-power X-tal driver with enable and internal resistor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1Z04 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1Z04 Datasheet HTML 4Page - NXP Semiconductors 74AUP1Z04 Datasheet HTML 5Page - NXP Semiconductors 74AUP1Z04 Datasheet HTML 6Page - NXP Semiconductors 74AUP1Z04 Datasheet HTML 7Page - NXP Semiconductors 74AUP1Z04 Datasheet HTML 8Page - NXP Semiconductors 74AUP1Z04 Datasheet HTML 9Page - NXP Semiconductors 74AUP1Z04 Datasheet HTML 10Page - NXP Semiconductors 74AUP1Z04 Datasheet HTML 11Page - NXP Semiconductors 74AUP1Z04 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
74AUP1Z04_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 3 July 2008
8 of 25
NXP Semiconductors
74AUP1Z04
Low-power X-tal driver with enable and internal resistor
VOH
HIGH-level output voltage
Y output; VI at X1 input = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.7
× V
CC
--
V
IO = −1.7 mA; VCC = 1.4 V
1.03
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.30
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.97
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.85
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.67
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.55
-
-
V
VI at X1 input = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.1
-
-
V
IO = −1.1 mA; VCC = 1.1 V
0.7
× VCC --
V
IO = −1.7 mA; VCC = 1.4 V
1.03
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.30
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.97
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.85
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.67
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.55
-
-
V
VOL
LOW-level output voltage
Y output; VI at X1 input = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
X2 output; VI = GND or VCC
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP1Z04

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1Z04 NEXPERIA-74AUP1Z04 Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
74AUP1Z04-Q100 NEXPERIA-74AUP1Z04-Q100 Datasheet
300Kb / 21P
   Low-power X-tal driver with enable and internal resistor
Rev. 2 - 27 January 2022
74AUP1Z04GM NEXPERIA-74AUP1Z04GM Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
74AUP1Z04GN NEXPERIA-74AUP1Z04GN Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
74AUP1Z04GS NEXPERIA-74AUP1Z04GS Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
More results

Similar Description - 74AUP1Z04

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1Z04-Q100 NEXPERIA-74AUP1Z04-Q100 Datasheet
300Kb / 21P
   Low-power X-tal driver with enable and internal resistor
Rev. 2 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125 Datasheet
143Kb / 29P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-7 August 2008
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
logo
Nexperia B.V. All right...
74AUP1Z04 NEXPERIA-74AUP1Z04 Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125_11 Datasheet
186Kb / 32P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 4-1 December 2011
logo
Nexperia B.V. All right...
74AUP1Z125 NEXPERIA-74AUP1Z125 Datasheet
331Kb / 23P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 7 - 28 January 2022
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
90Kb / 16P
   X-tal driver
2003 Aug 13
logo
Nexperia B.V. All right...
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
STMicroelectronics
AST1S31HF STMICROELECTRONICS-AST1S31HF Datasheet
1Mb / 33P
   Internal soft-start and enable
March 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com