Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G04 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP2G04
Description  Low-power dual inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G04 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP2G04 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
74AUP2G04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 7 July 2009
3 of 16
NXP Semiconductors
74AUP2G04
Low-power dual inverter
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
Fig 4.
Pin configuration SOT363
(SC-88)
Fig 5.
Pin configuration SOT886
(XSON6)
Fig 6.
Pin configuration SOT891
(XSON6)
74AUP2G04
1A
1Y
GND
2A
2Y
001aad694
1
2
3
6
VCC
5
4
74AUP2G04
GND
001aad695
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
74AUP2G04
GND
001aad666
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
1A
1
data input
GND
2
ground (0 V)
2A
3
data input
2Y
4
data output
VCC
5
supply voltage
1Y
6
data output
Table 4.
Function table[1]
Input
Output
nA
nY
LH
HL


Similar Part No. - 74AUP2G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
logo
Diodes Incorporated
74AUP2G04 DIODES-74AUP2G04 Datasheet
426Kb / 12P
   DUAL INVERTERS
logo
Nexperia B.V. All right...
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
logo
Diodes Incorporated
74AUP2G04DW-7 DIODES-74AUP2G04DW-7 Datasheet
426Kb / 12P
   DUAL INVERTERS
More results

Similar Description - 74AUP2G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
   Low-power dual inverter
Rev. 5-5 March 2012
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
logo
Nexperia B.V. All right...
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
logo
Texas Instruments
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com