Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G04 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP2G04
Description  Low-power dual inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G04 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2G04 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 13Page - NXP Semiconductors 74AUP2G04 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74AUP2G04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 7 July 2009
10 of 16
NXP Semiconductors
74AUP2G04
Low-power dual inverter
[1]
For measuring enable and disable times, RL = 5 kΩ. For measuring propagation delays, set-up and hold times, and pulse width,
RL =1MΩ.
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Load circuitry for switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
G
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
5 k
Ω or 1 MΩ
open
GND
2
× VCC


Similar Part No. - 74AUP2G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
logo
Diodes Incorporated
74AUP2G04 DIODES-74AUP2G04 Datasheet
426Kb / 12P
   DUAL INVERTERS
logo
Nexperia B.V. All right...
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
logo
Diodes Incorporated
74AUP2G04DW-7 DIODES-74AUP2G04DW-7 Datasheet
426Kb / 12P
   DUAL INVERTERS
More results

Similar Description - 74AUP2G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
   Low-power dual inverter
Rev. 5-5 March 2012
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
logo
Nexperia B.V. All right...
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
logo
Texas Instruments
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com