Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G14GM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP2G14GM
Description  Low-power dual Schmitt trigger inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G14GM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2G14GM Datasheet HTML 6Page - NXP Semiconductors 74AUP2G14GM Datasheet HTML 7Page - NXP Semiconductors 74AUP2G14GM Datasheet HTML 8Page - NXP Semiconductors 74AUP2G14GM Datasheet HTML 9Page - NXP Semiconductors 74AUP2G14GM Datasheet HTML 10Page - NXP Semiconductors 74AUP2G14GM Datasheet HTML 11Page - NXP Semiconductors 74AUP2G14GM Datasheet HTML 12Page - NXP Semiconductors 74AUP2G14GM Datasheet HTML 13Page - NXP Semiconductors 74AUP2G14GM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74AUP2G14_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 July 2009
10 of 18
NXP Semiconductors
74AUP2G14
Low-power dual Schmitt trigger inverter
15. Waveforms transfer characteristics
VH
hysteresis voltage
(VT+ − VT−); see Figure 9,
Figure 10, Figure 11 and
Figure 12
VCC = 0.8 V
0.07
-
0.50
0.07
0.50
0.50
V
VCC = 1.1 V
0.08
-
0.46
0.08
0.46
0.46
V
VCC = 1.4 V
0.18
-
0.56
0.18
0.56
0.56
V
VCC = 1.65 V
0.27
-
0.66
0.27
0.66
0.66
V
VCC = 2.3 V
0.53
-
0.92
0.53
0.92
0.92
V
VCC = 3.0 V
0.79
-
1.31
0.79
1.31
1.31
V
Table 11.
Transfer characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VT+ and VT− limits at 70 % and 20 %.
Fig 9.
Transfer characteristic
Fig 10. Definition of VT+, VT− and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−
Fig 11. Typical transfer characteristics; VCC = 1.8 V
VI (V)
0
2.0
1.6
0.8
1.2
0.4
001aad691
80
160
240
ICC
(
µA)
0


Similar Part No. - 74AUP2G14GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G14GM NEXPERIA-74AUP2G14GM Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
More results

Similar Description - 74AUP2G14GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
   Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
74AUP2G14 NEXPERIA-74AUP2G14 Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com