Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G17 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AUP2G17
Description  Low-power dual Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G17 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AUP2G17 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G17 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G17 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G17 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G17 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G17 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G17 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G17 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G17 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74AUP2G17 provides two Schmitt trigger buffers. It is capable of transforming slowly
changing input signals into sharply defined, jitter-free output signals.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The inputs switch at different points for positive and negative-going signals. The difference
between the positive voltage VT+ and the negative voltage VT− is defined as the input
hysteresis voltage VH.
2.
Features
I Wide supply voltage range from 0.8 V to 3.6 V
I High noise immunity
I ESD protection:
N HBM JESD22-A114E Class 3A exceeds 5000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Low static power consumption; ICC = 0.9 µA (maximum)
I Latch-up performance exceeds 100 mA per JESD 78 Class II
I Inputs accept voltages up to 3.6 V
I Low noise overshoot and undershoot < 10 % of VCC
I IOFF circuitry provides partial Power-down mode operation
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
74AUP2G17
Low-power dual Schmitt trigger
Rev. 03 — 6 July 2009
Product data sheet


Similar Part No. - 74AUP2G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
logo
Diodes Incorporated
74AUP2G17 DIODES-74AUP2G17 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
logo
Nexperia B.V. All right...
74AUP2G17 NEXPERIA-74AUP2G17 Datasheet
266Kb / 17P
   Low-power dual Schmitt trigger
Rev. 9 - 31 January 2022
logo
Diodes Incorporated
74AUP2G17DW-7 DIODES-74AUP2G17DW-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
74AUP2G17FW3-7 DIODES-74AUP2G17FW3-7 Datasheet
426Kb / 12P
   DUAL SCHMITT TRIGGER BUFFERS
More results

Similar Description - 74AUP2G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
logo
Nexperia B.V. All right...
74AXP2G17 NEXPERIA-74AXP2G17 Datasheet
829Kb / 16P
   Low-power dual Schmitt trigger
74AUP2G17 NEXPERIA-74AUP2G17 Datasheet
266Kb / 17P
   Low-power dual Schmitt trigger
Rev. 9 - 31 January 2022
logo
NXP Semiconductors
74AUP2G17 PHILIPS-74AUP2G17_15 Datasheet
214Kb / 21P
   Low-power dual Schmitt trigger
Rev. 6-4 December 2012
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
SN74AUP2G17 TI1-SN74AUP2G17 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
   Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Texas Instruments
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com