Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G32DC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AUP2G32DC
Description  Low-power dual 2-input OR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G32DC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP2G32DC Datasheet HTML 5Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 6Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 7Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 8Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 9Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 10Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 11Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 12Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74AUP2G32_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 January 2009
9 of 17
NXP Semiconductors
74AUP2G32
Low-power dual 2-input OR gate
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3]
VCC = 0.8 V
-
2.6
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
2.7
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
2.7
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
2.9
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.3
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
3.7
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
The data input (nA or nB) to output (nY) propagation delays
mna224
nA, nB input
nY output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL
Table 9.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 3.0 ns


Similar Part No. - 74AUP2G32DC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G32DC NEXPERIA-74AUP2G32DC Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
More results

Similar Description - 74AUP2G32DC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G32 NEXPERIA-74AUP2G32 Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
logo
NXP Semiconductors
74AUP2G86 NXP-74AUP2G86 Datasheet
102Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
74AUP2G86GN NXP-74AUP2G86GN Datasheet
214Kb / 21P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 7-14 June 2012
logo
Texas Instruments
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
logo
NXP Semiconductors
74AUP1G32 PHILIPS-74AUP1G32 Datasheet
83Kb / 16P
   Low-power 2-input OR gate
Rev. 01-2 August 2005
logo
Nexperia B.V. All right...
74AUP1G32 NEXPERIA-74AUP1G32 Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
logo
NXP Semiconductors
74AUP1G32GF NXP-74AUP1G32GF Datasheet
349Kb / 21P
   Low-power 2-input OR-gate
Rev. 7-8 July 2013
logo
Nexperia B.V. All right...
74AXP1G32 NEXPERIA-74AXP1G32 Datasheet
797Kb / 17P
   Low-power 2-input OR gate
74AUP1G32-Q100 NEXPERIA-74AUP1G32-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com