Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G32DC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP2G32DC
Description  Low-power dual 2-input OR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G32DC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2G32DC Datasheet HTML 6Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 7Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 8Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 9Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 10Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 11Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 12Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 13Page - NXP Semiconductors 74AUP2G32DC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
74AUP2G32_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 January 2009
10 of 17
NXP Semiconductors
74AUP2G32
Low-power dual 2-input OR gate
[1]
For measuring enable and disable times RL = 5 kΩ, for measuring propagation delays, set-up and hold times and pulse width
RL =1MΩ.
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 9.
Load circuitry for switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
G
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF 5 k
Ω or 1 MΩ
open
GND
2
× VCC


Similar Part No. - 74AUP2G32DC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G32DC NEXPERIA-74AUP2G32DC Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
More results

Similar Description - 74AUP2G32DC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G32 NEXPERIA-74AUP2G32 Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
logo
NXP Semiconductors
74AUP2G86 NXP-74AUP2G86 Datasheet
102Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
74AUP2G86GN NXP-74AUP2G86GN Datasheet
214Kb / 21P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 7-14 June 2012
logo
Texas Instruments
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
logo
NXP Semiconductors
74AUP1G32 PHILIPS-74AUP1G32 Datasheet
83Kb / 16P
   Low-power 2-input OR gate
Rev. 01-2 August 2005
logo
Nexperia B.V. All right...
74AUP1G32 NEXPERIA-74AUP1G32 Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
logo
NXP Semiconductors
74AUP1G32GF NXP-74AUP1G32GF Datasheet
349Kb / 21P
   Low-power 2-input OR-gate
Rev. 7-8 July 2013
logo
Nexperia B.V. All right...
74AXP1G32 NEXPERIA-74AXP1G32 Datasheet
797Kb / 17P
   Low-power 2-input OR gate
74AUP1G32-Q100 NEXPERIA-74AUP1G32-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com