Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G32GD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP2G32GD
Description  Low-power dual 2-input OR gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G32GD Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP2G32GD Datasheet HTML 1Page - NXP Semiconductors 74AUP2G32GD Datasheet HTML 2Page - NXP Semiconductors 74AUP2G32GD Datasheet HTML 3Page - NXP Semiconductors 74AUP2G32GD Datasheet HTML 4Page - NXP Semiconductors 74AUP2G32GD Datasheet HTML 5Page - NXP Semiconductors 74AUP2G32GD Datasheet HTML 6Page - NXP Semiconductors 74AUP2G32GD Datasheet HTML 7Page - NXP Semiconductors 74AUP2G32GD Datasheet HTML 8Page - NXP Semiconductors 74AUP2G32GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74AUP2G32_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 January 2009
2 of 17
NXP Semiconductors
74AUP2G32
Low-power dual 2-input OR gate
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP2G32DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74AUP2G32GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads;
8 terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74AUP2G32GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74AUP2G32GM
−40 °C to +125 °C
XQFN8U
plastic extremely thin quad flat package; no leads;
8 terminals; UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking codes
Type number
Marking code
74AUP2G32DC
p32
74AUP2G32GT
p32
74AUP2G32GD
p32
74AUP2G32GM
p32
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
001aah791
1A
1B
1Y
2A
2B
2Y
001aah792
≥ 1
≥ 1
mna166
B
A
Y


Similar Part No. - 74AUP2G32GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G32GF NEXPERIA-74AUP2G32GF Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AUP2G32GM NEXPERIA-74AUP2G32GM Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AUP2G32GN NEXPERIA-74AUP2G32GN Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AUP2G32GS NEXPERIA-74AUP2G32GS Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AUP2G32GT NEXPERIA-74AUP2G32GT Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
More results

Similar Description - 74AUP2G32GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G32 NEXPERIA-74AUP2G32 Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
logo
NXP Semiconductors
74AUP2G86 NXP-74AUP2G86 Datasheet
102Kb / 17P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
74AUP2G86GN NXP-74AUP2G86GN Datasheet
214Kb / 21P
   Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 7-14 June 2012
logo
Texas Instruments
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
logo
NXP Semiconductors
74AUP1G32 PHILIPS-74AUP1G32 Datasheet
83Kb / 16P
   Low-power 2-input OR gate
Rev. 01-2 August 2005
logo
Nexperia B.V. All right...
74AUP1G32 NEXPERIA-74AUP1G32 Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
logo
NXP Semiconductors
74AUP1G32GF NXP-74AUP1G32GF Datasheet
349Kb / 21P
   Low-power 2-input OR-gate
Rev. 7-8 July 2013
logo
Nexperia B.V. All right...
74AXP1G32 NEXPERIA-74AXP1G32 Datasheet
797Kb / 17P
   Low-power 2-input OR gate
74AUP1G32-Q100 NEXPERIA-74AUP1G32-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com