Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G34GF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP2G34GF
Description  Low-power dual buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G34GF Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP2G34GF Datasheet HTML 1Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 2Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 3Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 4Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 5Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 6Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 7Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 8Page - NXP Semiconductors 74AUP2G34GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AUP2G34_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 31 January 2008
2 of 16
NXP Semiconductors
74AUP2G34
Low-power dual buffer
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP2G34GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP2G34GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP2G34GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74AUP2G34GW
aA
74AUP2G34GM
aA
74AUP2G34GF
aA
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram
mnb063
1A
1Y
16
2A
2Y
34
1
1
6
mnb064
3
1
4
001aac536
Y
A


Similar Part No. - 74AUP2G34GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G34GM NEXPERIA-74AUP2G34GM Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
74AUP2G34GN NEXPERIA-74AUP2G34GN Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
74AUP2G34GS NEXPERIA-74AUP2G34GS Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
74AUP2G34GW NEXPERIA-74AUP2G34GW Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
74AUP2G34GX NEXPERIA-74AUP2G34GX Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
More results

Similar Description - 74AUP2G34GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G16 NEXPERIA-74AUP2G16 Datasheet
765Kb / 17P
   Low-power dual buffer
74AUP2G34 NEXPERIA-74AUP2G34 Datasheet
265Kb / 18P
   Low-power dual buffer
Rev. 8 - 31 January 2022
74AXP2G34 NEXPERIA-74AXP2G34 Datasheet
817Kb / 16P
   Low-power dual buffer
logo
NXP Semiconductors
74AUP2G34 PHILIPS-74AUP2G34_15 Datasheet
197Kb / 19P
   Low-power dual buffer
Rev. 5-10 January 2013
logo
Texas Instruments
SN74AUP2G07 TI1-SN74AUP2G07_16 Datasheet
1Mb / 26P
[Old version datasheet]   Low-Power Dual Buffer/Driver
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G17 TI1-SN74AUP2G17_15 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
logo
NXP Semiconductors
74AUP1T34 PHILIPS-74AUP1T34_15 Datasheet
391Kb / 24P
   Low-power dual supply translating buffer
Rev. 5-4 September 2013
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com