Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G38DC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AUP2G38DC
Description  Low-power dual 2-input NAND gate; open drain
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G38DC Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP2G38DC Datasheet HTML 1Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 2Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 3Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 4Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 5Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 6Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 7Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 8Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74AUP2G38_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 8 October 2009
4 of 17
NXP Semiconductors
74AUP2G38
Low-power dual 2-input NAND gate; open drain
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
Z = high-impedance OFF state.
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For VSSOP8 packages: above 110
°C the value of P
tot derates linearly at 8.0 mW/K.
For XSON8, XSON8U and XQFN8U packages: above 118
°C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 4.
Function table[1]
Input
Output
nA
nB
nY
LLZ
LH
Z
HL
Z
HHL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
−50
-
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
+20
mA
ICC
supply current
-
+50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.8
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
Active mode and Power-down mode
0
3.6
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 0.8 V to 3.6 V
0
200
ns/V


Similar Part No. - 74AUP2G38DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G38DC PHILIPS-74AUP2G38DC Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
logo
Nexperia B.V. All right...
74AUP2G38DC NEXPERIA-74AUP2G38DC Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
More results

Similar Description - 74AUP2G38DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G38 PHILIPS-74AUP2G38 Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
logo
Nexperia B.V. All right...
74AUP2G38 NEXPERIA-74AUP2G38 Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
   Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
logo
NXP Semiconductors
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
   Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
logo
STMicroelectronics
74V2G03 STMICROELECTRONICS-74V2G03 Datasheet
132Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC2G38 NXP-74LVC2G38 Datasheet
102Kb / 16P
   Dual 2-input NAND gate; open drain
Rev. 07-20 March 2009
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
   Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
STMicroelectronics
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com