Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G38DC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74AUP2G38DC
Description  Low-power dual 2-input NAND gate; open drain
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G38DC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP2G38DC Datasheet HTML 2Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 3Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 4Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 5Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 6Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 7Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 8Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 9Page - NXP Semiconductors 74AUP2G38DC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74AUP2G38_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 8 October 2009
6 of 17
NXP Semiconductors
74AUP2G38
Low-power dual 2-input NAND gate; open drain
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70VCC
--
V
VCC = 0.9 V to 1.95 V
0.65VCC
--
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30VCC
V
VCC = 0.9 V to 1.95 V
-
-
0.35VCC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3VCC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.5
µA
IOZ
OFF-state output current
VI = VIH or VIL; VO = 0 V to 3.6 V;
VCC = 0 V to 3.6 V
--
±0.5
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.5
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.6
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
0.9
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
--
50
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP2G38DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G38DC PHILIPS-74AUP2G38DC Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
logo
Nexperia B.V. All right...
74AUP2G38DC NEXPERIA-74AUP2G38DC Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
More results

Similar Description - 74AUP2G38DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G38 PHILIPS-74AUP2G38 Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
logo
Nexperia B.V. All right...
74AUP2G38 NEXPERIA-74AUP2G38 Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
   Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
logo
NXP Semiconductors
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
   Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
logo
STMicroelectronics
74V2G03 STMICROELECTRONICS-74V2G03 Datasheet
132Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC2G38 NXP-74LVC2G38 Datasheet
102Kb / 16P
   Dual 2-input NAND gate; open drain
Rev. 07-20 March 2009
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
   Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
STMicroelectronics
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com