Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G38GM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP2G38GM
Description  Low-power dual 2-input NAND gate; open drain
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G38GM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP2G38GM Datasheet HTML 4Page - NXP Semiconductors 74AUP2G38GM Datasheet HTML 5Page - NXP Semiconductors 74AUP2G38GM Datasheet HTML 6Page - NXP Semiconductors 74AUP2G38GM Datasheet HTML 7Page - NXP Semiconductors 74AUP2G38GM Datasheet HTML 8Page - NXP Semiconductors 74AUP2G38GM Datasheet HTML 9Page - NXP Semiconductors 74AUP2G38GM Datasheet HTML 10Page - NXP Semiconductors 74AUP2G38GM Datasheet HTML 11Page - NXP Semiconductors 74AUP2G38GM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74AUP2G38_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 8 October 2009
8 of 17
NXP Semiconductors
74AUP2G38
Low-power dual 2-input NAND gate; open drain
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol
Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1] Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
nA, nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
13.5
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
1.9
4.6
10.4
1.8
11.4
12.6
ns
VCC = 1.4 V to 1.6 V
1.5
3.3
6.5
1.4
7.4
8.2
ns
VCC = 1.65 V to 1.95 V
1.2
2.9
5.1
1.1
5.9
6.5
ns
VCC = 2.3 V to 2.7 V
1.0
2.2
3.8
0.9
4.5
4.9
ns
VCC = 3.0 V to 3.6 V
0.9
2.3
4.0
0.8
4.5
4.9
ns
CL = 10 pF
tpd
propagation delay
nA, nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
16.3
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.3
5.6
12.3
2.1
13.7
15.1
ns
VCC = 1.4 V to 1.6 V
1.8
4.1
7.6
1.7
8.8
9.7
ns
VCC = 1.65 V to 1.95 V
1.6
3.8
6.1
1.4
7.1
7.8
ns
VCC = 2.3 V to 2.7 V
1.4
2.9
4.6
1.2
5.4
5.9
ns
VCC = 3.0 V to 3.6 V
1.3
3.2
5.7
1.1
6.4
7.0
ns
CL = 15 pF
tpd
propagation delay
nA, nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
19.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.6
6.6
14.2
2.4
15.8
17.4
ns
VCC = 1.4 V to 1.6 V
2.1
4.8
8.7
1.9
10.1
11.1
ns
VCC = 1.65 V to 1.95 V
1.9
4.6
7.6
1.7
8.5
9.3
ns
VCC = 2.3 V to 2.7 V
1.6
3.6
5.6
1.5
6.3
6.9
ns
VCC = 3.0 V to 3.6 V
1.6
4.1
7.5
1.4
8.3
9.1
ns
CL = 30 pF
tpd
propagation delay
nA, nB to nY; see Figure 8
[2]
VCC = 0.8 V
-
27.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
9.5
19.5
3.2
21.8
24.0
ns
VCC = 1.4 V to 1.6 V
2.9
7.0
11.5
2.6
13.6
15.0
ns
VCC = 1.65 V to 1.95 V
2.6
7.0
12.1
2.3
13.3
14.6
ns
VCC = 2.3 V to 2.7 V
2.4
5.4
8.9
2.1
9.9
10.9
ns
VCC = 3.0 V to 3.6 V
2.3
6.5
12.7
2.1
13.9
15.3
ns


Similar Part No. - 74AUP2G38GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G38GM PHILIPS-74AUP2G38GM Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
More results

Similar Description - 74AUP2G38GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G38 PHILIPS-74AUP2G38 Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
logo
Nexperia B.V. All right...
74AUP2G38 NEXPERIA-74AUP2G38 Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
   Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
logo
NXP Semiconductors
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
   Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
logo
STMicroelectronics
74V2G03 STMICROELECTRONICS-74V2G03 Datasheet
132Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC2G38 NXP-74LVC2G38 Datasheet
102Kb / 16P
   Dual 2-input NAND gate; open drain
Rev. 07-20 March 2009
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
   Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
STMicroelectronics
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com