Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G126 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AUP2G126
Description  Low-power dual buffer/line driver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G126 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP2G126 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G126 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G126 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G126 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G126 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G126 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G126 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G126 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G126 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
74AUP2G126_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 February 2009
4 of 21
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For VSSOP8 packages: above 110
°C the value of P
tot derates linearly with 8.0 mW/K.
For XSON8, XSON8U and XQFN8U packages: above 45
°C the value of P
tot derates linearly with 2.4 mW/K.
1Y
6
2
data output
2OE
7
1
output enable input (active HIGH)
VCC
8
8
supply voltage
Table 3.
Pin description …continued
Symbol
Pin
Description
SOT765-1, SOT833-1 and
SOT996-2
SOT902-1
Table 4.
Function table[1]
Input
Output
nOE
nA
nY
HL
L
HHH
LX
Z
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
IIK
input clamping current
VI <0V
−50
-
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO <0V
−50
-
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
−50
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW


Similar Part No. - 74AUP2G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
logo
Diodes Incorporated
74AUP2G126 DIODES-74AUP2G126 Datasheet
519Kb / 11P
   DUAL 3-STATE BUFFER
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
logo
NXP Semiconductors
74AUP2G126DC PHILIPS-74AUP2G126DC Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
logo
Nexperia B.V. All right...
74AUP2G126DC NEXPERIA-74AUP2G126DC Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
More results

Similar Description - 74AUP2G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125_10 Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
74AUP2G125 NXP-74AUP2G125 Datasheet
121Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
logo
NXP Semiconductors
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
   Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
logo
Nexperia B.V. All right...
74AUP2G125 NEXPERIA-74AUP2G125 Datasheet
326Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 14 - 21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com