Electronic Components Datasheet Search |
|
74AUP2G125GT Datasheet(PDF) 4 Page - NXP Semiconductors |
|
74AUP2G125GT Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 21 page 74AUP2G125_6 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 06 — 27 November 2009 4 of 21 NXP Semiconductors 74AUP2G125 Low-power dual buffer/line driver; 3-state 6.2 Pin description 7. Functional description [1] H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state. 8. Limiting values [1] The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] For VSSOP8 packages: above 110 °C the value of Ptot derates linearly with 8.0 mW/K. For XSON8, XSON8U and XQFN8U packages: above 118 °C the value of Ptot derates linearly with 7.8 mW/K. Table 3. Pin description Symbol Pin Description SOT765-1, SOT833-1, SOT996-2 and SOT1089 SOT902-1 1OE, 2OE 1, 7 7, 1 output enable input (active LOW) 1A, 2A 2, 5 6, 3 data input GND 4 4 ground (0 V) 1Y, 2Y 6, 3 2, 5 data output VCC 8 8 supply voltage Table 4. Function table[1] Input Output nOE nA nY LLL LH H HX Z Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +4.6 V IIK input clamping current VI <0V −50 - mA VI input voltage [1] −0.5 +4.6 V IOK output clamping current VO <0V −50 - mA VO output voltage Active mode and Power-down mode [1] −0.5 +4.6 V IO output current VO =0 VtoVCC - ±20 mA ICC supply current - 50 mA IGND ground current −50 - mA Tstg storage temperature −65 +150 °C Ptot total power dissipation Tamb = −40 °C to +125 °C [2] - 250 mW |
Similar Part No. - 74AUP2G125GT |
|
Similar Description - 74AUP2G125GT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |