Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G241 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP2G241
Description  Low-power dual buffer/line driver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G241 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP2G241 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G241 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G241 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G241 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G241 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G241 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G241 Datasheet HTML 13Page - NXP Semiconductors 74AUP2G241 Datasheet HTML 14Page - NXP Semiconductors 74AUP2G241 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
74AUP2G241_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 12 January 2009
11 of 22
NXP Semiconductors
74AUP2G241
Low-power dual buffer/line driver; 3-state
CL = 15 pF
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
27.4
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
7.2
14.1
3.3
15.8
17.5
ns
VCC = 1.4 V to 1.6 V
3.0
5.1
8.1
2.5
9.8
10.9
ns
VCC = 1.65 V to 1.95 V
2.2
4.3
6.3
2.0
7.9
8.8
ns
VCC = 2.3 V to 2.7 V
2.0
3.7
4.9
1.8
6.0
6.7
ns
VCC = 3.0 V to 3.6 V
2.0
3.5
4.4
1.8
5.4
6.1
ns
ten
enable time
1OE to 1Y; see Figure 8
[3]
VCC = 0.8 V
-
77.5
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.0
7.7
15.2
3.7
17.6
19.6
ns
VCC = 1.4 V to 1.6 V
3.0
5.3
8.4
2.5
9.8
10.7
ns
VCC = 1.65 V to 1.95 V
2.3
4.4
6.5
2.1
7.7
8.5
ns
VCC = 2.3 V to 2.7 V
2.1
3.6
5.0
2.0
6.1
6.8
ns
VCC = 3.0 V to 3.6 V
2.0
3.5
4.5
1.9
4.9
5.5
ns
2OE to 2Y; see Figure 9
[3]
VCC = 0.8 V
-
79.2
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
7.8
15.8
3.3
17.1
17.1
ns
VCC = 1.4 V to 1.6 V
3.0
5.4
8.8
2.9
9.4
9.7
ns
VCC = 1.65 V to 1.95 V
2.1
4.3
6.7
2.0
7.3
7.7
ns
VCC = 2.3 V to 2.7 V
1.8
3.4
4.8
1.7
5.2
5.6
ns
VCC = 3.0 V to 3.6 V
1.6
3.1
4.3
1.5
4.5
4.7
ns
tdis
disable time
1OE to 1Y; see Figure 8
[4]
VCC = 0.8 V
-
60.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.3
6.5
9.2
3.7
10.3
11.6
ns
VCC = 1.4 V to 1.6 V
3.0
5.0
6.5
2.5
7.4
8.4
ns
VCC = 1.65 V to 1.95 V
3.0
5.3
6.6
2.1
7.4
8.9
ns
VCC = 2.3 V to 2.7 V
2.1
3.8
4.9
2.0
5.1
6.4
ns
VCC = 3.0 V to 3.6 V
2.9
5.0
6.2
1.9
6.6
7.4
ns
2OE to 2Y; see Figure 9
[4]
VCC = 0.8 V
-
14.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.3
6.4
8.5
3.7
9.3
9.4
ns
VCC = 1.4 V to 1.6 V
3.0
5.0
6.6
2.5
6.9
7.0
ns
VCC = 1.65 V to 1.95 V
3.1
5.4
6.6
2.0
7.4
7.5
ns
VCC = 2.3 V to 2.7 V
2.4
4.0
5.0
1.7
5.1
5.5
ns
VCC = 3.0 V to 3.6 V
3.2
5.3
6.2
1.5
6.7
6.9
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


Similar Part No. - 74AUP2G241

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
74AUP2G241DC NEXPERIA-74AUP2G241DC Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
74AUP2G241GN NEXPERIA-74AUP2G241GN Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
74AUP2G241GS NEXPERIA-74AUP2G241GS Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
74AUP2G241GT NEXPERIA-74AUP2G241GT Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
More results

Similar Description - 74AUP2G241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125_10 Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
74AUP2G125 NXP-74AUP2G125 Datasheet
121Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
74AUP2G125 NEXPERIA-74AUP2G125 Datasheet
326Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 14 - 21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com