Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2GU04 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP2GU04
Description  Low-power dual unbuffered inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2GU04 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP2GU04 Datasheet HTML 1Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 2Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 3Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 4Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 5Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 6Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 7Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 8Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AUP2GU04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 July 2009
2 of 16
NXP Semiconductors
74AUP2GU04
Low-power dual unbuffered inverter
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking
Type number
Marking code[1]
74AUP2GU04GW
aD
74AUP2GU04GM
aD
74AUP2GU04GF
aD
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
1A
1Y
1
6
mnb106
2A
2Y
3
4
6
1
1
1
mnb107
4
3
001aad073
540
50
AY
VCC
Fig 4.
Pin configuration SOT363
(SC-88)
Fig 5.
Pin configuration SOT886
(XSON6)
Fig 6.
Pin configuration SOT891
(XSON6)
74AUP2GU04
1A
1Y
GND
2A
2Y
001aad699
1
2
3
6
VCC
5
4
74AUP2GU04
GND
001aad700
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
74AUP2GU04
GND
001aad701
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6


Similar Part No. - 74AUP2GU04

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04GM NEXPERIA-74AUP2GU04GM Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
74AUP2GU04GM-Q100 NEXPERIA-74AUP2GU04GM-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04GN NEXPERIA-74AUP2GU04GN Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
More results

Similar Description - 74AUP2GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04 PHILIPS-74AUP1GU04 Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
   Dual unbuffered inverter
Rev. 01-6 October 2006
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com