Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2T1326 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP2T1326
Description  Low-power dual supply buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2T1326 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP2T1326 Datasheet HTML 1Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 2Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 3Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 4Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 5Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 6Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 7Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 8Page - NXP Semiconductors 74AUP2T1326 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AUP2T1326_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 1 July 2009
2 of 16
NXP Semiconductors
74AUP2T1326
Low-power dual supply buffer/line driver; 3-state
I Inputs accept voltages up to 3.6 V
I Low noise overshoot and undershoot < 10 % of VCC
I IOFF circuitry provides partial Power-down mode operation
I Multiple package options
I Specified from −40 °Cto+85 °C
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP2T1326GF
−40 °C to +85 °C
XSON10U
plastic extremely thin small outline package; no leads;
10 terminals; UTLP based; body 1 x 1.7 x 0.5 mm
SOT1081-1
Table 2.
Marking
Type number
Marking code[1]
74AUP2T1326GF
pf
Rpd = Internal pull-down resistor.
Fig 1.
Logic symbol
001aaj301
Rpd
Rpd
VCC(B)
VCC(A)
6
7
3
1OE
2OE
A
9
8
2Y
2
3Y
1Y


Similar Part No. - 74AUP2T1326

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
74AUP2T1326GF NEXPERIA-74AUP2T1326GF Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
More results

Similar Description - 74AUP2T1326

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2T1326 NEXPERIA-74AUP2T1326 Datasheet
801Kb / 17P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2 - 3 July 2012
logo
NXP Semiconductors
74AUP1T1326 NXP-74AUP1T1326 Datasheet
127Kb / 24P
   Low-power dual supply buffer/line driver; 3-state
Rev. 01-20 January 2009
logo
Nexperia B.V. All right...
74AUP1T1326 NEXPERIA-74AUP1T1326 Datasheet
294Kb / 25P
   Low-power dual supply buffer/line driver; 3-state
Rev. 2.1 - 23 July 2018
logo
NXP Semiconductors
74AXP1T125GWH NXP-74AXP1T125GWH Datasheet
208Kb / 22P
   Dual supply buffer/line driver; 3-state
Rev. 1-21 December 2015
logo
Nexperia B.V. All right...
74AXP1T125 NEXPERIA-74AXP1T125 Datasheet
265Kb / 18P
   Dual supply buffer/line driver; 3-state
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com