Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP3G04 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP3G04
Description  Low-power triple inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP3G04 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP3G04 Datasheet HTML 4Page - NXP Semiconductors 74AUP3G04 Datasheet HTML 5Page - NXP Semiconductors 74AUP3G04 Datasheet HTML 6Page - NXP Semiconductors 74AUP3G04 Datasheet HTML 7Page - NXP Semiconductors 74AUP3G04 Datasheet HTML 8Page - NXP Semiconductors 74AUP3G04 Datasheet HTML 9Page - NXP Semiconductors 74AUP3G04 Datasheet HTML 10Page - NXP Semiconductors 74AUP3G04 Datasheet HTML 11Page - NXP Semiconductors 74AUP3G04 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74AUP3G04_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 October 2009
8 of 17
NXP Semiconductors
74AUP3G04
Low-power triple inverter
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1] Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
nA to nY; see Figure 8
[2]
VCC = 0.8 V
-
16.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.4
5.0
10.3
2.1
11.4
12.6
ns
VCC = 1.4 V to 1.6 V
1.8
3.6
6.4
1.6
7.4
8.2
ns
VCC = 1.65 V to 1.95 V
1.5
2.9
5.0
1.4
5.9
6.5
ns
VCC = 2.3 V to 2.7 V
1.2
2.4
3.9
1.1
4.5
5.0
ns
VCC = 3.0 V to 3.6 V
1.1
2.1
3.2
1.0
3.9
4.3
ns
CL = 10 pF
tpd
propagation delay
nA to nY; see Figure 8
[2]
VCC = 0.8 V
-
19.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.8
5.9
12.2
2.6
13.7
15.1
ns
VCC = 1.4 V to 1.6 V
2.3
4.2
7.5
2.1
8.7
9.6
ns
VCC = 1.65 V to 1.95 V
2.0
3.5
5.9
1.8
7.0
7.7
ns
VCC = 2.3 V to 2.7 V
1.7
2.9
4.6
1.5
5.4
6.0
ns
VCC = 3.0 V to 3.6 V
1.6
2.7
3.8
1.4
4.5
5.0
ns
CL = 15 pF
tpd
propagation delay
nA to nY; see Figure 8
[2]
VCC = 0.8 V
-
23.3
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
6.7
13.0
3.0
15.8
17.4
ns
VCC = 1.4 V to 1.6 V
2.6
4.7
8.6
2.4
10.0
11.0
ns
VCC = 1.65 V to 1.95 V
2.3
4.0
6.7
2.1
8.0
8.8
ns
VCC = 2.3 V to 2.7 V
2.1
3.3
5.1
1.8
6.1
6.8
ns
VCC = 3.0 V to 3.6 V
2.0
3.1
4.2
1.8
5.0
5.5
ns
CL = 30 pF
tpd
propagation delay
nA to nY; see Figure 8
[2]
VCC = 0.8 V
-
33.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.4
8.9
16.0
4.0
19.0
20.9
ns
VCC = 1.4 V to 1.6 V
3.6
6.3
10.8
3.2
12.9
14.2
ns
VCC = 1.65 V to 1.95 V
3.2
5.3
9.0
2.9
10.5
11.6
ns
VCC = 2.3 V to 2.7 V
2.9
4.5
6.5
2.6
7.6
8.4
ns
VCC = 3.0 V to 3.6 V
2.9
4.2
5.4
2.6
6.2
6.9
ns


Similar Part No. - 74AUP3G04

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP3G04 NEXPERIA-74AUP3G04 Datasheet
255Kb / 17P
   Low-power triple inverter
Rev. 10 - 15 December 2020
74AUP3G0434 NEXPERIA-74AUP3G0434 Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G0434DC NEXPERIA-74AUP3G0434DC Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G0434GF NEXPERIA-74AUP3G0434GF Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
74AUP3G0434GM NEXPERIA-74AUP3G0434GM Datasheet
272Kb / 19P
   Low-power dual inverter and single buffer
More results

Similar Description - 74AUP3G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP3G04 PHILIPS-74AUP3G04_15 Datasheet
281Kb / 22P
   Low-power triple inverter
Rev. 7-29 January 2013
logo
Nexperia B.V. All right...
74AUP3G04 NEXPERIA-74AUP3G04 Datasheet
255Kb / 17P
   Low-power triple inverter
Rev. 10 - 15 December 2020
logo
Texas Instruments
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
logo
Nexperia B.V. All right...
74AUP3G14 NEXPERIA-74AUP3G14 Datasheet
835Kb / 21P
   Low-power triple Schmitt trigger inverter
logo
Texas Instruments
SN74AUP3G14 TI1-SN74AUP3G14 Datasheet
778Kb / 22P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com