Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVCH1T45 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AVCH1T45
Description  Dual supply translating transceiver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH1T45 Datasheet(HTML) 5 Page - NXP Semiconductors

  74AVCH1T45 Datasheet HTML 1Page - NXP Semiconductors 74AVCH1T45 Datasheet HTML 2Page - NXP Semiconductors 74AVCH1T45 Datasheet HTML 3Page - NXP Semiconductors 74AVCH1T45 Datasheet HTML 4Page - NXP Semiconductors 74AVCH1T45 Datasheet HTML 5Page - NXP Semiconductors 74AVCH1T45 Datasheet HTML 6Page - NXP Semiconductors 74AVCH1T45 Datasheet HTML 7Page - NXP Semiconductors 74AVCH1T45 Datasheet HTML 8Page - NXP Semiconductors 74AVCH1T45 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
74AVCH1T45_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 5 May 2009
5 of 22
NXP Semiconductors
74AVCH1T45
Dual supply translating transceiver; 3-state
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VOH
HIGH-level output
voltage
VI = VIH or VIL
IO = −1.5 mA; VCC(A) =VCC(B) = 0.8 V
-
0.69
-
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 1.5 mA; VCC(A) =VCC(B) = 0.8 V
-
0.07
-
V
II
input leakage
current
DIR input; VI = 0 V to 3.6 V;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
±0.025 ±0.25
µA
IBHL
bus hold LOW
current
A or B port;
VI = 0.42 V; VCC(A) =VCC(B) = 1.2 V
-26
-
µA
IBHH
bus hold HIGH
current
A or B port;
VI = 0.78 V; VCC(A) =VCC(B) = 1.2 V
-
−24
-
µA
IBHLO
bus hold LOW
overdrive current
A or B port; VCC(A) = VCC(B) = 1.2 V
[1] -28
-
µA
IBHHO
bus hold HIGH
overdrive current
A or B port; VCC(A) = VCC(B) = 1.2 V
[1] -
−26
-
µA
IOZ
OFF-state output
current
A or B port; VO = 0 V or VCCO;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[2] -
±0.5
±2.5
µA
IOFF
power-off leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V;VCC(B) = 0.8 V to 3.6 V
-
±0.1
±1
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V;VCC(A) = 0.8 V to 3.6 V
-
±0.1
±1
µA
CI
input capacitance
DIR input; VI = 0 V or 3.3 V;
VCC(A) =VCC(B) = 3.3 V
-1
-pF
CI/O
input/output
capacitance
A and B port; suspend mode;
VO = 3.3 V or 0 V;
VCC(A) =VCC(B) = 3.3 V
-4
-pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input
voltage
data input
[3]
VCCI = 0.8 V
0.7VCCI
--
V
VCCI = 1.1 V to 1.95 V
0.65VCCI
--
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2
-
-
V
DIR input
VCCI = 0.8 V
0.7VCC(A)
--
V
VCCI = 1.1 V to 1.95 V
0.65VCC(A)
--
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2
-
-
V


Similar Part No. - 74AVCH1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Diodes Incorporated
74AVCH1T45 DIODES-74AVCH1T45 Datasheet
565Kb / 17P
   SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2018 Rev. 1 - 2
logo
Nexperia B.V. All right...
74AVCH1T45 NEXPERIA-74AVCH1T45 Datasheet
315Kb / 22P
   Dual-supply voltage level translator/transceiver; 3-state
Rev. 6.1 -1 March 2022
74AVCH1T45-Q100 NEXPERIA-74AVCH1T45-Q100 Datasheet
786Kb / 21P
   Dual-supply voltage level translator/transceiver 3-state
logo
Texas Instruments
74AVCH1T45DBVRE4 TI-74AVCH1T45DBVRE4 Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
More results

Similar Description - 74AVCH1T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com