Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F269 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74F269
Description  8-bit bidirectional binary counter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74F269 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74F269 Datasheet HTML 7Page - NXP Semiconductors 74F269 Datasheet HTML 8Page - NXP Semiconductors 74F269 Datasheet HTML 9Page - NXP Semiconductors 74F269 Datasheet HTML 10Page - NXP Semiconductors 74F269 Datasheet HTML 11Page - NXP Semiconductors 74F269 Datasheet HTML 12Page - NXP Semiconductors 74F269 Datasheet HTML 13Page - NXP Semiconductors 74F269 Datasheet HTML 14Page - NXP Semiconductors 74F269 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74F269_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 March 2010
11 of 19
NXP Semiconductors
74F269
8-bit bidirectional binary counter
Measurement points are given in Table 8.
VM =1.5 V
VOL and VOH are the typical output voltage levels that occur with the output load.
Fig 8.
Input (CET) to output (TC) propagation delay
001aaa652
CET
TC
tPHL
tPLH
GND
VI
VM
VOH
VOL
VM
VI
Measurement points are given in Table 8.
VM =1.5 V
VOL and VOH are the typical output voltage levels that occur with the output load.
Fig 9.
The up/down control input (U/D) to output (TC) propagation delay
001aaa653
U/D
TC
tPHL
tPLH
GND
VI
VM
VOH
VOL
VM
VI
The shaded areas indicate when the input is permitted to change for predictable output performance.
Measurement points are given in Table 8.
VM =1.5 V
Fig 10. Data input (Dn), parallel enable input (PE) and clock input (CP) set-up and hold times
001aal301
Dn
PE
CP
VM
VM
VM
VM
VM
VM
VM
tsu
tsu(L)
tsu(H)
th
th = 0 ns
th = 0 ns
VM
GND
VI
GND
GND
VI
VI


Similar Part No. - 74F269

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F269 PHILIPS-74F269 Datasheet
118Kb / 14P
   8-bit bidirectional binary counter
1996 Jan 05
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
145Kb / 9P
   8-Bit Bidirectional Binary Counter
74F269SC FAIRCHILD-74F269SC Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
More results

Similar Description - 74F269

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269_07 Datasheet
145Kb / 9P
   8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 PHILIPS-74F269 Datasheet
118Kb / 14P
   8-bit bidirectional binary counter
1996 Jan 05
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
logo
Motorola, Inc
MC74F269 MOTOROLA-MC74F269 Datasheet
156Kb / 5P
   8-BIT BIDIRECTIONAL BINARY COUNTER
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com