Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-5A03V Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # SG-5A03V
Description  SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SG-5A03V Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  SG-5A03V Datasheet HTML 1Page - Fujitsu Component Limited. SG-5A03V Datasheet HTML 2Page - Fujitsu Component Limited. SG-5A03V Datasheet HTML 3Page - Fujitsu Component Limited. SG-5A03V Datasheet HTML 4Page - Fujitsu Component Limited. SG-5A03V Datasheet HTML 5Page - Fujitsu Component Limited. SG-5A03V Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RoHS compliant
(a)
SeriesName
SG:SGSeries
3 :3VDC
(b)
NominalVoltage(Inputside)
5:5VDC
12:12VDC
24:24VDC
(c)
LoadVoltage
A:ACtype
(d)
LoadCurrent
03:3Arms
ZeroCrossCircuit
Nil:Nozerocrosstyoe
(e)
C:Zerocrosstype
(f) Varistor
Nil:Novaristortype
V :Internalvaristortype
(g) InputTerminalDistance
Nil:7.62mm
L:5.08mm
SG Series
n
FEATURES
l
ConformstoUL,CSAStandards
l
Slim,SILTerminalType
—Size:9.0(W)×40.0(L)×20.0(H)mm
—Weight:approximately13g
l
Highreliability,longlifeandmaintenancefree
l
Highisolation(betweeninputandoutput)
—Dielectricstength:2,500Vrms
l
Internalzerocrosscircuittypeavailable
l
Internaloutputsurgeabsorber(varistor)typeavailable.
l
RoHScompliantsincedatecode:6703(July3rd,2006)
Pleaseseepage5formoreinformation
n
ORDERING INFORMATION
SG – 12 A 03 CVL
[Example]
(a)(b) (c) (d) (e)(f)(g)
SOLID STATE RELAY
MAXIMUM LOAD CURRENT 3 A
1


Similar Part No. - SG-5A03V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG-500D ETC2-SG-500D Datasheet
104Kb / 4P
   MICA DIELECTRIC COMPRESSION TRIMMER CAPACITORS
SG-5010 ETC2-SG-5010 Datasheet
185Kb / 2P
   Servo Motor
logo
Epson Company
SG-51 EPSON-SG-51 Datasheet
78Kb / 2P
   FULL & HALF-SIZE DIP HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG-51P EPSON-SG-51P Datasheet
127Kb / 3P
   Crystal Oscillators(HCMOS/TTL DUAL IN LINE PLASTIC FULL SIZE SG-51/ HALF SIZE SG-531)
SG-51P EPSON-SG-51P Datasheet
78Kb / 2P
   FULL & HALF-SIZE DIP HIGH-FREQUENCY CRYSTAL OSCILLATOR
More results

Similar Description - SG-5A03V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SJ-12D01HZRN FUJITSU-SJ-12D01HZRN Datasheet
378Kb / 7P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SN-A100BF FUJITSU-SN-A100BF Datasheet
397Kb / 10P
   SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
logo
TE Connectivity Ltd
SSRDC TEC-SSRDC Datasheet
244Kb / 2P
   DC Load Solid State Relay Hockey Puck
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Solid State Optronic
AD2C111-L SSOUSA-AD2C111-L Datasheet
249Kb / 5P
   Solid State Relay with Current Limiting
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com