Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5360B Datasheet(PDF) 3 Page - Diotech Company.

Part # SMBJ5360B
Description  5W SURFACE MOUNT SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SMBJ5360B Datasheet(HTML) 3 Page - Diotech Company.

  SMBJ5360B Datasheet HTML 1Page - Diotech Company. SMBJ5360B Datasheet HTML 2Page - Diotech Company. SMBJ5360B Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
SMBJ5333B THRU SMBJ5388B
0
25
50
75
100
125
150
TL, LEAD TEMPERATURE (
°C)
40
20
10
4
2
1
0.4
0.2
0.1
3 4
6 8 10
20
30 40
80
100
200
PW=1 ms*
PW=8.3 ms*
PW=100 ms*
PW=1000 ms*
*SQURE WAVE
NORMINAL Vz (V)
Fig.2 Maximum Non-Repetitive Surg Current
versus Nominal Zener Voltage
Fig. 1 POWER DERATING CURVE
1.0
2.0
3.0
4.0
5.0
0


Similar Part No. - SMBJ5360B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5360B MCC-SMBJ5360B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Tiger Electronic Co.,Lt...
SMBJ5360B TGS-SMBJ5360B Datasheet
7Mb / 3P
   Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
SMBJ5360B MICROSEMI-SMBJ5360B Datasheet
242Kb / 3P
   5 Watt Surface Mount Silicon Zener Diodes
logo
Micro Commercial Compon...
SMBJ5360B MCC-SMBJ5360B Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
logo
SynSemi, Inc.
SMBJ5360B SYNSEMI-SMBJ5360B Datasheet
38Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SMBJ5360B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
DIYI Electronic Technol...
SMBJ5333A DYELEC-SMBJ5333A Datasheet
1Mb / 4P
   5W Surface Mount Silicon Zener Diodes
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com