Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFP-6LU Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # VFP-6LU
Description  POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VFP-6LU Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  VFP-6LU Datasheet HTML 1Page - Fujitsu Component Limited. VFP-6LU Datasheet HTML 2Page - Fujitsu Component Limited. VFP-6LU Datasheet HTML 3Page - Fujitsu Component Limited. VFP-6LU Datasheet HTML 4Page - Fujitsu Component Limited. VFP-6LU Datasheet HTML 5Page - Fujitsu Component Limited. VFP-6LU Datasheet HTML 6Page - Fujitsu Component Limited. VFP-6LU Datasheet HTML 7Page - Fujitsu Component Limited. VFP-6LU Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
VF SERIES
n
SPECIFICATIONS
30 A Type
25 A Type
20 A Type
Item
VFD, VFP- ( ) H
VF ( ) - ( ) M
VF ( ) - ( ) L
Contact
Arrangement
 form A (SPST-NO)
Material
Silver alloy
Style
Single
Resistance (initial)
Maximum 30m Ω (at 1 A 6 VDC)
Resistive
30 A 250 VAC
25 A 250 VAC
20 A 250 VAC
Rating
Motor
2 HP 250 VAC
.5 HP 250 VAC
 HP 250 VAC
Maximum Carrying Current
30 A
25 A
20 A
Maximum Switching Power
7,500 VA
6,250 VA
5,000 VA
Maximum Switching Voltage
250 VAC
Maximum Switching Current
30 A
25 A
20 A
Minimum Switching Load*
A, 0V
Coil
Nominal Power (at 20°C)
1,200 to 1,250 mW
Operate Power (at 20°C)
1,590 to 620 mW
Operating Temperature
–30°C to +65°C (no frost) (refer to the CHARACTERISTIC DATA)
Time Value
Operate (at nominal voltage)
Maximum 20 ms
Release (at nominal voltage)
Maximum 5 ms
Life
Mechanical
5 × 06 operations minimum
 × 05 operations minimum (resistive load)
Electrical (at contact rating)
2 × 05 operations minimum (motor load)
Other
Vibration
Misoperation
0 to 55 Hz (double amplitude of .5 mm)
Resistance Endurance
0 to 55 Hz (double amplitude of .5 mm)
Shock
Misoperation
200 m/s2 ( ± ms)
Resistance Endurance
,000 m/s2 ( 6 ± ms)
Weight
Approximately 55 g
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
before production since reference values may vary according to switching frequencies, environmental conditions and ex-
pected reliability levels.
n
INSULATION
Item
30A
25A
20A
Note
Resistance (initial)
Minimum 1,000 MΩ 1 min.
at 500 VDC
Dielectric
Strength
open contacts
,200 VAC  min.
coil and contacts
4,000 VAC  min.
Surge Voltage (coil and contact)
0,000 V
.2 x 50µs standard wave


Similar Part No. - VFP-6LU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VFP-6LU FUJITSU-VFP-6LU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
More results

Similar Description - VFP-6LU

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
VFB-48HU FUJITSU-VFB-48HU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VSB-24 FUJITSU-VSB-24 Datasheet
127Kb / 6P
   1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
FBR56 FUJITSU-FBR56_08 Datasheet
509Kb / 9P
   COMPACT HIGH POWER RELAY 1 POLE-30 A
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com