Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ14CA Datasheet(PDF) 3 Page - Diotech Company.

Part # SMBJ14CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SMBJ14CA Datasheet(HTML) 3 Page - Diotech Company.

  SMBJ14CA Datasheet HTML 1Page - Diotech Company. SMBJ14CA Datasheet HTML 2Page - Diotech Company. SMBJ14CA Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMBJ5.0 THRU SMBJ170CA
RATINGS AND CHARACTERISTIC CURVES
FIG.1 - PULSE DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE
PERK FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, ( °C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE
FIG.4 - PEAK PULSE POWER RATING CURVE
FIG.5 - PULSE WAVEFORM
0
1.0
2.0
3.0
4.0
80
60
40
20
120
6,000
100
10
100
0
10
50
100
1,000
10
0.1
1.0
td, PULSE WIDTH, SEC.
100
200
10
20
60
1
2
4
6
40
100
10
20
100
1
2
0.1µs
1.0µs
10µs
100µs
10ms
1.0ms
200
VR, REVERSE STAND OFF VOLTAGE,VOLTS
50
100
0
tr ≤ 10µs
Peak Value
IPPM
Half Value - IPPM
2
Ta=25 °C
Pulse Width (td) is defined
as that point where the peak
current decays to 50%
of IPPM
td
t, TIME(ms)
TJ = TJmax
8.3 ms SINGLE HALF SINE WAVE
JEDEC METHOD
VR Measured @
Stand-off voltage
VR Measured @
Zero Basic (0V)
TJ = 25°C
f = 1.0 MHz
Vsig = 50 mVP-P
10/1000ms. Waveform
as defined by R.E.A.


Similar Part No. - SMBJ14CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ14CA LITTELFUSE-SMBJ14CA Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Bytes
SMBJ14CA BYTES-SMBJ14CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
SMBJ14CA MDE-SMBJ14CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMBJ14CA YANGJIE-SMBJ14CA Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
SMBJ14CA LUGUANG-SMBJ14CA Datasheet
323Kb / 3P
   600Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMBJ14CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com