Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SJ-24D01NR Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # SJ-24D01NR
Description  SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SJ-24D01NR Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  SJ-24D01NR Datasheet HTML 1Page - Fujitsu Component Limited. SJ-24D01NR Datasheet HTML 2Page - Fujitsu Component Limited. SJ-24D01NR Datasheet HTML 3Page - Fujitsu Component Limited. SJ-24D01NR Datasheet HTML 4Page - Fujitsu Component Limited. SJ-24D01NR Datasheet HTML 5Page - Fujitsu Component Limited. SJ-24D01NR Datasheet HTML 6Page - Fujitsu Component Limited. SJ-24D01NR Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SJ SERIES
n
SPECIFICATIONS
AC
DC
Item
Remarks
TYPE 1A
TYPE 1A
INPUTside NominalVoltage(DC)
3V,5V,12V,24V5V,12V,24V
OperateRange
±20%ofnominalvoltage
MustOperateVoltage
80%ofnominalvoltage
MustReleaseVoltage
Minimum1V(minimum0.5V*)
*3VDCtype
3VDCType 120Ω±10%
5VDCType 360Ω±10%430Ω±10%
InputImpedance
12VDCType 1.0kΩ±10%1.2kΩ±10%
24VDCType 2.0kΩ±10%2.4kΩ±10%
OUTPUTside LoadVoltageRange
24to265Vrms3to30VDC
seeCHARACTERISTICDATA
MaximumLoadCurrent
1.0Arms
1.0A
MinimumLoadCurrent
10mArms
1mA
1CycleSurgeCurrent
50A(60Hz)3A(10ms)
Max.Off-stateLeakageCurrent 0.75mArms(at100Vrms60Hz)0.1mA(at30VDC)
1.50mArms(at200Vrms60Hz)
Max.Off-stateVoltageDrop1.2Vrms
1.2Vatmax.loadcurrent
Max.OperateTime
1ms
Max.ReleaseTime
1/2cycle+1ms
1ms
OperatingTemperatureRange
–30°Cto+85°C
StorageTemperatureRange
–40°Cto+100°C
CaseColor
Black
Green
Weight
Approximately5.5g
Item
AC
DC
Note
Resistance(initial)
Minimum1,000MΩ(500VDC)
Input-Output
SurgeVoltage
2,500Vrms1min.
n
INSULATION
Type
Compliance
Contactrating
UL
UL478,UL508
E45026
Flammability:UL94-V0(plastics)
[SJ-C()A01]
1A,265VAC(resistive)
[SJ-()D01]
1A,30VDC(resistive)
CSA
C22.2No.14
LR35579
n
SAFETY STANDARD AND FILE NUMBERS


Similar Part No. - SJ-24D01NR

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-25014A-SMT-TR CUI-SJ-25014A-SMT-TR Datasheet
548Kb / 4P
   gold flash terminal plating
SJ-2503A CUI-SJ-2503A Datasheet
62Kb / 1P
   2.5mm AUDIO Jack-STEREO
SJ-2503A-SMT CUI-SJ-2503A-SMT Datasheet
564Kb / 4P
   right angle
SJ-2504A-SMT CUI-SJ-2504A-SMT Datasheet
564Kb / 4P
   right angle
logo
CUI Devices
SJ-2504A-SMT-TR CUID-SJ-2504A-SMT-TR Datasheet
640Kb / 4P
   AUDIO JACK
04/04/2023
More results

Similar Description - SJ-24D01NR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
   SOLID STATE RELAY 1 Maximum Load current 1A
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SN-A100BF FUJITSU-SN-A100BF Datasheet
397Kb / 10P
   SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com